Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 582 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 582 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 578Page - Renesas Technology Corp 32186 Datasheet HTML 579Page - Renesas Technology Corp 32186 Datasheet HTML 580Page - Renesas Technology Corp 32186 Datasheet HTML 581Page - Renesas Technology Corp 32186 Datasheet HTML 582Page - Renesas Technology Corp 32186 Datasheet HTML 583Page - Renesas Technology Corp 32186 Datasheet HTML 584Page - Renesas Technology Corp 32186 Datasheet HTML 585Page - Renesas Technology Corp 32186 Datasheet HTML 586Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 582 / 1032 page
background image
SERIAL INTERFACE
12
12-34
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 12.3.2 Transmit Operation during CSIO Mode (Hardware Processing)
The following processing is
automatically performed in hardware.
• Transfer the content of the transmit
buffer to the transmit shift register
• Set the transmit buffer empty bit to "1"
Transmit data
Yes
(Successive transmission)
Transmit
conditions met?
Transmit
conditions met?
Yes
No
No
Clear the transmit status bit to "0"
Transmit DMA transfer request
Transmit interrupt request
(Note 1)
CSIO transmit
operation starts
End of CSIO
transmit operation
Note 1: This applies when the transmit interrupt request was enabled using the SIO Interrupt Request Mask Register
after selecting the transmit buffer empty interrupt with the SIO Interrupt Request Source Select Register.
12.3 Transmit Operation in CSIO Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com