Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 581 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 581 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 577Page - Renesas Technology Corp 32186 Datasheet HTML 578Page - Renesas Technology Corp 32186 Datasheet HTML 579Page - Renesas Technology Corp 32186 Datasheet HTML 580Page - Renesas Technology Corp 32186 Datasheet HTML 581Page - Renesas Technology Corp 32186 Datasheet HTML 582Page - Renesas Technology Corp 32186 Datasheet HTML 583Page - Renesas Technology Corp 32186 Datasheet HTML 584Page - Renesas Technology Corp 32186 Datasheet HTML 585Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 1032 page
background image
SERIAL INTERFACE
12
12-33
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
12.3.5 Processing at End of CSIO Transmission
When data transmission finishes, the following operation is automatically performed in hardware.
(1) When not transmitting successively
• The transmit status bit is cleared to "0."
(2) When transmitting successively
• When transmission of the last data in a consecutive data train finishes, the transmit status bit is cleared to "0."
12.3.6 Transmit Interrupts
(1) Transmit buffer empty interrupt
If the transmit buffer empty interrupt was selected using the SIO Interrupt Request Source Select
Register, a transmit buffer empty interrupt request is generated when data has been transferred from
the transmit buffer register to the transmit shift register. A transmit buffer empty interrupt request is
also generated when the TEN (Transmit Enable) bit is set to "1" (disabled
→ enabled) while the
transmit buffer empty interrupt has been enabled.
(2) Transmission finished interrupt
If the transmission finished interrupt was selected using the SIO Interrupt Request Source Select
Register, a transmission finished interrupt request is generated by a falling edge of the internal trans-
fer clock pulse at which the last bit of data in the transmit shift register has been transmitted.
The SIO Interrupt Request Mask Register and the Interrupt Controller (ICU) must be set before these
transmit interrupts can be used.
12.3.7 Transmit DMA Transfer Request
When data has been transferred from the transmit buffer register to the transmit shift register, a transmit
DMA transfer request for the corresponding SIO channel is output to the DMAC. A transmit DMA transfer
request is also output when the TEN (Transmit Enable) bit is set to "1" (disabled
→ enabled).
The DMAC must be set before DMA transfers can be used during data transmission.
12.3 Transmit Operation in CSIO Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com