Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 583 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 583 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 579Page - Renesas Technology Corp 32186 Datasheet HTML 580Page - Renesas Technology Corp 32186 Datasheet HTML 581Page - Renesas Technology Corp 32186 Datasheet HTML 582Page - Renesas Technology Corp 32186 Datasheet HTML 583Page - Renesas Technology Corp 32186 Datasheet HTML 584Page - Renesas Technology Corp 32186 Datasheet HTML 585Page - Renesas Technology Corp 32186 Datasheet HTML 586Page - Renesas Technology Corp 32186 Datasheet HTML 587Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 583 / 1032 page
background image
SERIAL INTERFACE
12
12-35
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
12.3.8 Example of CSIO Transmit Operation
The following shows a typical transmit operation in CSIO mode.
Figure 12.3.3 Example of CSIO Transmission (Transmitted Only Once)
Note 1: Changes of the Interrupt Controller's SIO Transmit Interrupt Control Register interrupt request bit
Note 2: When transmit buffer empty interrupt is enabled (DMA transfer can also be requested at the same time)
Note 3: When transmission finished interrupt is enable
Note 4: The Interrupt Controller's IVECT register is read or the SIO Transmit Interrupt Control Register interrupt
request bit cleared
Note 5: A transmit interrupt request is generated when transmission is enabled.
Note 6: Be aware that even after transmit data is written to the transmit buffer, a transmit interrupt request is generated when
the data is transferred from the transmit buffer to the transmit shift register and the transmit buffer is thereby emptied.
Note 7: A transmission finished interrupt request is generated by a falling edge of the internal transfer clock pulse at which
transmission of the transmit shift register data has finished.
Note 8: It is inhibited to select the transmission finished interrupt when an external clock is selected.
Set
Transmit enable bit
Transmit buffer empty bit
Transmit status bit
TXD
(When transmit buffer empty
interrupt is selected)
Transmit interrupt request
(Note 2) (Note 5)
Transmit interrupt request
(Note 2) (Note 6)
Interrupt request accepted (Note 4)
Set by a write to the
transmit buffer
Write to the
transmit buffer
register
Transmit clock
(SCLKO)
<CSIO on transmit side>
Cleared
Cleared by completion
of transmission
b7
b6
b5
b4
b3
b2
b1
b0
Content of the transmit buffer register
is transferred to the transmit shift register
: Interrupt request generated
: Processing by software
Internal clock selected
External clock selected
<CSIO on transmit side>
<CSIO on receive side>
SCLKO
TXD
SCLKI
RXD
Transmit interrupt request
(Note 3) (Note 7)
Interrupt request accepted (Note 4)
(When transmission finished
interrupt is selected)(Note 8)
(Internal transfer clock)
SIO transmit interrupt request
(Note 1)
12.3 Transmit Operation in CSIO Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com