Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 587 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 587 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 583Page - Renesas Technology Corp 32186 Datasheet HTML 584Page - Renesas Technology Corp 32186 Datasheet HTML 585Page - Renesas Technology Corp 32186 Datasheet HTML 586Page - Renesas Technology Corp 32186 Datasheet HTML 587Page - Renesas Technology Corp 32186 Datasheet HTML 588Page - Renesas Technology Corp 32186 Datasheet HTML 589Page - Renesas Technology Corp 32186 Datasheet HTML 590Page - Renesas Technology Corp 32186 Datasheet HTML 591Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 587 / 1032 page
background image
SERIAL INTERFACE
12
12-39
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
12.4.2 Starting CSIO Reception
The serial interface starts receive operation when all of the following conditions are met after being initialized.
(1) Receive conditions when CSIO mode internal clock is selected
• The SIO Receive Control Register receive enable bit is set to "1."
• Transmit conditions are met. (See Section 12.3.3, “Starting CSIO Transmission.”)
(2) Receive conditions when CSIO mode external clock is selected
• The SIO Receive Control Register receive enable bit is set to "1."
• Transmit conditions are met. (See Section 12.3.3, “Starting CSIO Transmission.”)
Note: • The receive status bit is set to "1" at the time dummy data is set in the lower byte of the SIO
Transmit Buffer Register.
When the above conditions are met, the serial interface starts receiving 8 to 16 bits serial data synchro-
nously with the receive shift clock.
12.4.3 Processing at End of CSIO Reception
When data reception finishes, the following operation is automatically performed in hardware.
(1) When reception is completed normally
The reception finished (receive buffer full) bit is set to "1."
Notes: • An interrupt request is generated if the reception finished (receive buffer full) interrupt has been enabled.
• A DMA transfer request is generated.
(2) When an error occurred during reception
If an error (only overrun error in CSIO mode) occurred during reception, the overrun error bit and
receive error sum bit are set to "1."
Notes: • If the reception finished interrupt has been selected (by SIO Receive Interrupt Request Source Select
Register), neither a reception finished interrupt request nor a DMA transfer request is generated.
• If the receive error interrupt has been selected (by SIO Receive Interrupt Request Source
Select Register), a receive error interrupt request is generated when interrupt requests are
enabled. No DMA transfer requests are generated.
12.4 Receive Operation in CSIO Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com