Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 588 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 588 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 584Page - Renesas Technology Corp 32186 Datasheet HTML 585Page - Renesas Technology Corp 32186 Datasheet HTML 586Page - Renesas Technology Corp 32186 Datasheet HTML 587Page - Renesas Technology Corp 32186 Datasheet HTML 588Page - Renesas Technology Corp 32186 Datasheet HTML 589Page - Renesas Technology Corp 32186 Datasheet HTML 590Page - Renesas Technology Corp 32186 Datasheet HTML 591Page - Renesas Technology Corp 32186 Datasheet HTML 592Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 588 / 1032 page
background image
SERIAL INTERFACE
12
12-40
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 12.4.2 Receive Operation during CSIO Mode (Hardware Processing)
Receive data
Set the SIO Receive Control Register
reception finished bit to "1"
Store the received data
in the receive buffer register
Set the SIO Receive Control Register
overrun error and receive error sum bits to "1"
Receive conditions
met?
Overrun error ?
Yes
Yes
No
No
End of CSIO receive
operation
CSIO receive operation
starts
12.4.4 About Successive Reception
If the following conditions are met when data reception has finished, data may be received successively.
• The receive enable bit is set to "1."
• Transmit conditions are met.
• No overrun error has occurred.
12.4 Receive Operation in CSIO Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com