Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 592 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 592 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 588Page - Renesas Technology Corp 32186 Datasheet HTML 589Page - Renesas Technology Corp 32186 Datasheet HTML 590Page - Renesas Technology Corp 32186 Datasheet HTML 591Page - Renesas Technology Corp 32186 Datasheet HTML 592Page - Renesas Technology Corp 32186 Datasheet HTML 593Page - Renesas Technology Corp 32186 Datasheet HTML 594Page - Renesas Technology Corp 32186 Datasheet HTML 595Page - Renesas Technology Corp 32186 Datasheet HTML 596Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 592 / 1032 page
background image
SERIAL INTERFACE
12
12-44
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
12.5 Notes on Using CSIO Mod
12.5 Notes on Using CSIO Mode
• Settings of SIO Transmit/Receive Mode Register and SIO Baud Rate Register
The SIO Transmit/Receive Mode Register, SIO Special Mode Register and SIOn Baud Rate Register and
the Transmit Control Register’s BRG count source select bit must always be set when the serial interface
is not operating. If a transmit or receive operation is in progress, wait until the transmit and receive opera-
tions are finished and then clear the transmit and receive enable bits before making changes.
• Settings of SIOn Baud Rate (SnBAUR)
Use caution when setting the SIOn Baud Rate (SnBAUR) so that the transfer rate does not exceed f(BCLK)/8.
• About successive transmission
To transmit data successively, make sure the next transmit data is set in the SIO Transmit Buffer
Register before the current data transmission finishes.
• About reception
Because the receive shift clock in CSIO mode is derived by an operation of the transmit circuit, trans-
mit operation must always be executed (by sending dummy data) even when the serial interface is
used for only receiving data. In this case, be aware that if the port function is set for the TXD pin (by
setting the operation mode register to "1"), dummy data may actually be output from the pin.
• About successive reception
To receive data successively, make sure that data (dummy data) is set in the SIO Transmit Buffer
Register before a transmit operation on the transmitter side starts.
• Transmission/reception using DMA
To transmit/receive data in DMA request mode, enable the DMAC to accept transfer requests (by
setting the DMA Mode Register) before serial communication starts.
• About reception finished bit
If a receive error (overrun error) occurs, the reception finished bit can only be cleared by clearing the
receive enable bit, and cannot be cleared by reading out the receive buffer register.
• About overrun error
If all bits of the next received data have been set in the SIO Receive Shift Register before reading out the SIO
Receive Buffer Register (i.e., an overrun error occurred), the received data is not stored in the receive buffer
register, with the previous received data retained in it. Although a receive operation continues thereafter, the
subsequent received data is not stored in the receive buffer register (receive status bit = "1").
Before normal receive operation can be restarted, the receive enable bit must be temporarily cleared
to "0." And this is the only way that the overrun error flag can be cleared.
• About DMA transfer request generation during SIO transmission
If the transmit buffer register becomes empty (transmit buffer empty flag = "1") while the transmit
enable bit remains set to "1" (transmission enabled), an SIO transmit buffer empty DMA transfer
request is generated.
• About DMA transfer request generation during SIO reception
If the reception finished bit is set to "1" (receive buffer register full), a reception finished DMA transfer
request is generated. Be aware, however, that if an overrun error occurred during reception, this DMA
transfer request is not generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com