Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 595 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 595 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 591Page - Renesas Technology Corp 32186 Datasheet HTML 592Page - Renesas Technology Corp 32186 Datasheet HTML 593Page - Renesas Technology Corp 32186 Datasheet HTML 594Page - Renesas Technology Corp 32186 Datasheet HTML 595Page - Renesas Technology Corp 32186 Datasheet HTML 596Page - Renesas Technology Corp 32186 Datasheet HTML 597Page - Renesas Technology Corp 32186 Datasheet HTML 598Page - Renesas Technology Corp 32186 Datasheet HTML 599Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 595 / 1032 page
background image
SERIAL INTERFACE
12
12-47
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Table 12.6.1 Transfer Data in UART Mode
Bit Name
Content
ST (start bit)
Indicates the beginning of data transmission. This is "L" level signal of a one bit
period, which is added immediately preceding the transmit data.
Bits 0–8 (character bits)
Transmit/receive data transferred via serial interface. In UART mode, 7, 8 or 9 bits
of data can be transmitted/received.
PAR (parity bit)
Added to the transmit/receive character. When parity is enabled, parity is
automatically set in such a way that the number of 1’s in the character including the
parity bit itself is always even or odd as selected by the even/odd parity select bit.
SP (stop bit)
Indicates the end of data transmission, which is added immediately following the
character (or if parity is enabled, immediately following the parity bit). The stop bit
can be chosen to be one bit or two bits long.
Figure 12.6.2 Selectable Data Formats during UART Mode
ST
b7
b6
b5
b4
b3
b2
b1
b0
PAR
SP
SP
ST
b7
b6
b5
b4
b3
b2
b1
b0
PAR
SP
ST
b7
b6
b5
b4
b3
b2
b1
b0
SP
SP
ST
b7
b6
b5
b4
b3
b2
b1
b0
SP
LSB
MSB
8-bit character
ST
b6
b5
b4
b3
b2
b1
b0
SP
SP
PAR
ST
b6
b5
b4
b3
b2
b1
b0
SP
PAR
ST
b6
b5
b4
b3
b2
b1
b0
SP
SP
ST
b6
b5
b4
b3
b2
b1
b0
SP
LSB
MSB
7-bit character
9-bit character
ST
b7
b6
b5
b4
b3
b2
b1
b0
PAR
SP
SP
ST
b7
b6
b5
b4
b3
b2
b1
b0
PAR
SP
ST
b7
b6
b5
b4
b3
b2
b1
b0
SP
SP
ST
b7
b6
b5
b4
b3
b2
b1
b0
SP
LSB
MSB
b8
b8
b8
b8
Bits 0-8: Character (data) bits
SP: Stop bit
ST: Start bit
PAR: Parity bit
b0
b7
b8
b15
7-bit character
8-bit character
9-bit character
SIO Transmit Buffer Register
SIO Receive Buffer Register
Notes: • The high-order bits of the selected character length in the SIO Receive Buffer Register are fixed to "0."
• The data bit numbers (bn) above indicate bit numbers in a data list, and not the register bit numbers (bn).
12.6 Transmit Operation in UART Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com