Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 599 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 599 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 595Page - Renesas Technology Corp 32186 Datasheet HTML 596Page - Renesas Technology Corp 32186 Datasheet HTML 597Page - Renesas Technology Corp 32186 Datasheet HTML 598Page - Renesas Technology Corp 32186 Datasheet HTML 599Page - Renesas Technology Corp 32186 Datasheet HTML 600Page - Renesas Technology Corp 32186 Datasheet HTML 601Page - Renesas Technology Corp 32186 Datasheet HTML 602Page - Renesas Technology Corp 32186 Datasheet HTML 603Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 599 / 1032 page
background image
SERIAL INTERFACE
12
12-51
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 12.6.4 Transmit Operation during UART Mode (Hardware Processing)
The following processing is automatically performed in hardware.
• Transfer the content of the transmit buffer
to the transmit shift register
• Set the transmit buffer empty bit to "1"
Transmit DMA transfer request
Transmit interrupt request
Transmit data
Yes
(Successive transmission)
Transmit conditions
met ?
Transmit conditions
met ?
Clear the transmit status bit to "0"
Yes
No
No
(Note 1)
Note 1: This applies when the transmit interrupt was enabled using the SIO Interrupt Request Mask Register
after selecting the transmit buffer empty interrupt with the SIO Interrupt Request Source Select Register.
End of UART
transmit operation
UART transmit
operation starts
(2) Transmission finished interrupt
If the transmission finished interrupt was selected using the SIO Interrupt Request Source Select
Register, a transmission finished interrupt request is generated when data in the transmit shift regis-
ter has all been transmitted.
The SIO Interrupt Request Mask Register and the Interrupt Controller (ICU) must be set before these trans-
mit interrupts can be used.
12.6.8 Transmit DMA Transfer Request
When data has been transferred from the transmit buffer register to the transmit shift register, a transmit
DMA transfer request for the corresponding SIO channel is output to the DMAC. A transmit DMA transfer
request is also output when the TEN (Transmit Enable) bit is set to "1" (disabled
→ enabled).
The DMAC must be set before DMA transfers can be used during data transmission.
12.6 Transmit Operation in UART Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com