Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 600 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 600 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 596Page - Renesas Technology Corp 32186 Datasheet HTML 597Page - Renesas Technology Corp 32186 Datasheet HTML 598Page - Renesas Technology Corp 32186 Datasheet HTML 599Page - Renesas Technology Corp 32186 Datasheet HTML 600Page - Renesas Technology Corp 32186 Datasheet HTML 601Page - Renesas Technology Corp 32186 Datasheet HTML 602Page - Renesas Technology Corp 32186 Datasheet HTML 603Page - Renesas Technology Corp 32186 Datasheet HTML 604Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 600 / 1032 page
background image
SERIAL INTERFACE
12
12-52
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
12.6.9 Example of UART Transmit Operation
The following shows a typical transmit operation in UART mode.
<UART on transmit side>
<UART on transmit side>
<UART on receive side>
TXD
RXD
Transmit enable bit
Transmit buffer
empty bit
b0
b6
b7
ST
SP
PAR
Write to the
transmit buffer
register
Transmit status bit
TXD
SIO transmit interrupt request (Note 1)
Set
Cleared
: Processing by software
: Interrupt request generated
Cleared
Transferred from the transmit buffer
to the transmit shift register
(transmission starts)
Set
Interrupt request accepted (Note 4)
(Note 2)(Note 6)
(Note 3)(Note 7)
(Note 2)
(Note 5)
Transmit
interrupt request
Transmit interrupt request
Transmit interrupt request
Interrupt request accepted (Note 4)
(When transmit buffer empty
interrupt is selected)
(When transmission finished
interrupt is selected)
Note 1: Changes of the Interrupt Controller's SIO Transmit Interrupt Control Register interrupt request bit
Note 2: When transmit buffer empty interrupt is enabled (DMA transfer can also be requested at the same time)
Note 3: When transmission finished interrupt is enable
Note 4: The Interrupt Controller's IVECT register is read or the SIO Transmit Interrupt Control Register interrupt request bit cleared
Note 5: A transmit interrupt request is generated when transmission is enabled.
Note 6: Be aware that even after transmit data is written to the transmit buffer, a transmit interrupt request is generated when the
data is transferred from the transmit buffer to the transmit shift register and the transmit buffer is thereby emptied.
Note 7: A transmission finished interrupt request is generated when data in the transmit shift register has all been transmitted.
SP
Figure 12.6.5 Example of UART Transmission (Transmitted Only Once)
12.6 Transmit Operation in UART Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com