Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 604 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 604 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 600Page - Renesas Technology Corp 32186 Datasheet HTML 601Page - Renesas Technology Corp 32186 Datasheet HTML 602Page - Renesas Technology Corp 32186 Datasheet HTML 603Page - Renesas Technology Corp 32186 Datasheet HTML 604Page - Renesas Technology Corp 32186 Datasheet HTML 605Page - Renesas Technology Corp 32186 Datasheet HTML 606Page - Renesas Technology Corp 32186 Datasheet HTML 607Page - Renesas Technology Corp 32186 Datasheet HTML 608Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 604 / 1032 page
background image
SERIAL INTERFACE
12
12-56
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
12.7.2 Starting UART Reception
The serial interface starts receive operation when all of the following conditions are met after being initialized.
• SIO Receive Control Register receive enable bit is set to "1"
• Start bit (falling edge signal) is applied to the RXD pin
When the above conditions are met, the serial interface enters UART receive operation. However, the start
bit is checked again at the first rise of the internal receive shift clock and if it is detected "H" for reasons of
noise, etc., the serial interface stops receive operation and waits for the start bit again.
12.7.3 Processing at End of UART Reception
When data reception finishes, the following operation is automatically performed in hardware.
(1) When reception is completed normally
The reception finished (receive buffer full) bit is set to "1."
Notes: • An interrupt request is generated if the reception finished (receive buffer full) interrupt has
been enabled.
• A DMA transfer request is generated.
(2) When a receive error occurred
If an error occurred, the corresponding error bit (OE, FE or PE) and the receive error sum bit are set to "1,"
Notes: • If the reception finished interrupt has been selected (by SIO Receive Interrupt Request Source
Select Register), a reception finished interrupt request is generated when interrupt requests are
enabled. However, this does not apply when the detected error is an overrun error, in which
case no reception finished interrupt requests are generated.
• If the receive error interrupt has been selected (by SIO Receive Interrupt Request Source Select
Register), a receive error interrupt request is generated when interrupt requests are enabled.
• No DMA transfer requests are generated.
12.7 Receive Operation in UART Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com