Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 606 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 606 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 602Page - Renesas Technology Corp 32186 Datasheet HTML 603Page - Renesas Technology Corp 32186 Datasheet HTML 604Page - Renesas Technology Corp 32186 Datasheet HTML 605Page - Renesas Technology Corp 32186 Datasheet HTML 606Page - Renesas Technology Corp 32186 Datasheet HTML 607Page - Renesas Technology Corp 32186 Datasheet HTML 608Page - Renesas Technology Corp 32186 Datasheet HTML 609Page - Renesas Technology Corp 32186 Datasheet HTML 610Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 606 / 1032 page
background image
SERIAL INTERFACE
12
12-58
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
12.7.4 Example of UART Receive Operation
The following shows a typical receive operation in UART mode.
Figure 12.7.3 Example of UART Reception (When Received Normally)
<UART on receive side>
<UART on receive side>
<UART on transmit side>
TXD
RXD
Note 1: Changes of the Interrupt Controller's SIO Receive Interrupt Control Register interrupt request bit
Note 2: When reception finished interrupt is enabled (DMA transfer can also be requested at the same time)
Note 3: The Interrupt Controller's IVECT register is read or the SIO Receive Interrupt Control Register interrupt
request bit cleared
Receive enable bit
(SIO Receive Control Register)
b0
b6
b7
ST
SP
SP
PAR
Reception finished bit
RXD
Set
Cleared
: Processing by software
: Interrupt request generated
Internal clock selected
Read from the
receive buffer
Reception finished
interrupt request
(Note 2)
Interrupt request accepted (Note 3)
Receive status bit
Automatically cleared for
each receive operation
performed
SIO receive interrupt
request (Note 1)
(When reception finished
interrupt is selected)
(When receive error
interrupt is selected)
No interrupt request
12.7 Receive Operation in UART Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com