Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 607 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 607 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 603Page - Renesas Technology Corp 32186 Datasheet HTML 604Page - Renesas Technology Corp 32186 Datasheet HTML 605Page - Renesas Technology Corp 32186 Datasheet HTML 606Page - Renesas Technology Corp 32186 Datasheet HTML 607Page - Renesas Technology Corp 32186 Datasheet HTML 608Page - Renesas Technology Corp 32186 Datasheet HTML 609Page - Renesas Technology Corp 32186 Datasheet HTML 610Page - Renesas Technology Corp 32186 Datasheet HTML 611Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 607 / 1032 page
background image
SERIAL INTERFACE
12
12-59
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 12.7.4 Example of UART Reception (When Overrun Error Occurred)
<UART on receive side>
<UART on receive side>
<UART on transmit side>
TXD
RXD
Note 1: Changes of the Interrupt Controller's SIO Receive Interrupt Control Register interrupt request bit
Note 2: When reception finished interrupt is enabled
Note 3: When receive error interrupt is enabled
Note 4: This is done by clearing the receive enable bit to "0."
Note 5: The Interrupt Controller's IVECT register is read or the SIO Receive Interrupt Control Register interrupt
request bit cleared
Receive enable bit
(SIO Receive Control Register)
b7
ST
SP
SP
Reception finished bit
RXD
Set
: Processing by software
: Interrupt request generated
ST
b7
Receive buffer not read
during this interval
First data reception
completed
Next data reception
completed
(Note 5)
Overrun error bit
cleared (Note 4)
Overrun error bit
Set
SIO receive interrupt request
(Note 1)
(When reception finished
interrupt is selected)
Reception finished
interrupt request
Interrupt request accepted (Note 5)
Receive error interrupt request
(Note 3)
Interrupt request accepted (Note 5)
(When receive error
interrupt is selected)
(Note 2)
12.7 Receive Operation in UART Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com