Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 605 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 605 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 601Page - Renesas Technology Corp 32186 Datasheet HTML 602Page - Renesas Technology Corp 32186 Datasheet HTML 603Page - Renesas Technology Corp 32186 Datasheet HTML 604Page - Renesas Technology Corp 32186 Datasheet HTML 605Page - Renesas Technology Corp 32186 Datasheet HTML 606Page - Renesas Technology Corp 32186 Datasheet HTML 607Page - Renesas Technology Corp 32186 Datasheet HTML 608Page - Renesas Technology Corp 32186 Datasheet HTML 609Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 1032 page
background image
SERIAL INTERFACE
12
12-57
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 12.7.2 Receive Operation during UART Mode (Hardware Processing)
The following processing is automatically performed in hardware.
Receive data
Yes
Yes
No
Transfer data from the SIO Receive Shift
Register to the SIO Receive Buffer Register
Set the SIO Receive Control Register
reception finished bit to "1"
Set the receive status bit to "1"
Overrun error ?
Parity error
or
framing error ?
Receive conditions
met ?
Start bit detected
normally ?
No
Set the SIO Receive Control
Register overrun error bit
and error sum bit to "1"
Set the SIO Receive Control
Register's corresponding error bit
and receive error sum bit to "1"
No
UART receive
operation starts
End of UART reception
Yes
No
Yes
12.7 Receive Operation in UART Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com