Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 591 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 591 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 587Page - Renesas Technology Corp 32186 Datasheet HTML 588Page - Renesas Technology Corp 32186 Datasheet HTML 589Page - Renesas Technology Corp 32186 Datasheet HTML 590Page - Renesas Technology Corp 32186 Datasheet HTML 591Page - Renesas Technology Corp 32186 Datasheet HTML 592Page - Renesas Technology Corp 32186 Datasheet HTML 593Page - Renesas Technology Corp 32186 Datasheet HTML 594Page - Renesas Technology Corp 32186 Datasheet HTML 595Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 591 / 1032 page
background image
SERIAL INTERFACE
12
12-43
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 12.4.4 Example of CSIO Reception (When Overrun Error Occurred)
<CSIO on transmit side>
External clock selected
Internal clock selected
<CSIO on receive side>
<CSIO on transmit side>
SCLKO
RXD
SCLKI
TXD
: Processing by software
: Interrupt request generated
Receive clock
(SCLKI)
Set
Receive enable bit
b7
b6
b0
RXD
b7
b6
b0
Note 1: Changes of the Interrupt Controller's SIO Receive Interrupt Control Register interrupt request bit
Note 2: When reception finished interrupt is enabled
Note 3: When receive error interrupt is enabled
Note 4: The receive enable bit is cleared
Note 5: The Interrupt Controller's IVECT register is read or the SIO Receive Interrupt Control Register interrupt
request bit cleared
First data reception
completed
Next data reception
completed
Reception finished bit
SIO receive interrupt request
(Note 1)
(When reception finished
interrupt is selected)
Receive buffer not read
out during this interval
Set
Overrun error bit cleared
(Note 4)
Reception finished
interrupt request
(Note 2)
Interrupt request accepted (Note 5)
Cleared
Receive error interrupt request
(Note 3)
Interrupt request accepted (Note 5)
(When receive error
interrupt is selected)
Overrun error bit
12.4 Receive Operation in CSIO Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com