Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 654 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 654 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 650Page - Renesas Technology Corp 32186 Datasheet HTML 651Page - Renesas Technology Corp 32186 Datasheet HTML 652Page - Renesas Technology Corp 32186 Datasheet HTML 653Page - Renesas Technology Corp 32186 Datasheet HTML 654Page - Renesas Technology Corp 32186 Datasheet HTML 655Page - Renesas Technology Corp 32186 Datasheet HTML 656Page - Renesas Technology Corp 32186 Datasheet HTML 657Page - Renesas Technology Corp 32186 Datasheet HTML 658Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 654 / 1032 page
background image
13
CAN MODULE
13-44
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
CAN0 Single-Shot Interrupt Request Status Register (CAN0SSISTW)
<address: H’0080 1044>
CAN1 Single-Shot Interrupt Request Status Register (CAN1SSISTW)
<Address: H’0080 1444>
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
SSIST0
SSIST1
SSIST2
SSIST3
SSIST4
SSIST5
SSIST6
SSIST7
SSIST8
SSIST9
SSIST10 SSIST11 SSIST12 SSIST13 SSIST14 SSIST15
0000000000000000
b16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
b31
SSIST16 SSIST17 SSIST18 SSIST19 SSIST20
SSIST22 SSIST23 SSIST24 SSIST25 SSIST26 SSIST27 SSIST28 SSIST29 SSIST30 SSIST31
SSIST21
0000000000000000
<Upon exiting reset: H’0000 0000>
b
Bit Name
Function
R
W
0
SSIST0 (slot 0 single-shot interrupt request status bit)
0: No arbitration-lost or transmit error
R(Note 1)
1
SSIST1 (slot 1 single-shot interrupt request status bit)
1: Arbitration-lost or transmit error occurred
2
SSIST2 (slot 2 single-shot interrupt request status bit)
3
SSIST3 (slot 3 single-shot interrupt request status bit)
4
SSIST4 (slot 4 single-shot interrupt request status bit)
5
SSIST5 (slot 5 single-shot interrupt request status bit)
6
SSIST6 (slot 6 single-shot interrupt request status bit)
7
SSIST7 (slot 7 single-shot interrupt request status bit)
8
SSIST8 (slot 8 single-shot interrupt request status bit)
9
SSIST9 (slot 9 single-shot interrupt request status bit)
10
SSIST10 (slot 10 single-shot interrupt request status bit)
11
SSIST11 (slot 11 single-shot interrupt request status bit)
12
SSIST12 (slot 12 single-shot interrupt request status bit)
13
SSIST13 (slot 13 single-shot interrupt request status bit)
14
SSIST14 (slot 14 single-shot interrupt request status bit)
15
SSIST15 (slot 15 single-shot interrupt request status bit)
16
SSIST16 (slot 16 single-shot interrupt request status bit)
17
SSIST17 (slot 17 single-shot interrupt request status bit)
18
SSIST18 (slot 18 single-shot interrupt request status bit)
19
SSIST19 (slot 19 single-shot interrupt request status bit)
20
SSIST20 (slot 20 single-shot interrupt request status bit)
21
SSIST21 (slot 21 single-shot interrupt request status bit)
22
SSIST22 (slot 22 single-shot interrupt request status bit)
23
SSIST23 (slot 23 single-shot interrupt request status bit)
24
SSIST24 (slot 24 single-shot interrupt request status bit)
25
SSIST25 (slot 25 single-shot interrupt request status bit)
26
SSIST26 (slot 26 single-shot interrupt request status bit)
27
SSIST27 (slot 27 single-shot interrupt request status bit)
28
SSIST28 (slot 28 single-shot interrupt request status bit)
29
SSIST29 (slot 29 single-shot interrupt request status bit)
30
SSIST30 (slot 30 single-shot interrupt request status bit)
31
SSIST31 (slot 31 single-shot interrupt request status bit)
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the status it had before the write.
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com