Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 650 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 650 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 646Page - Renesas Technology Corp 32186 Datasheet HTML 647Page - Renesas Technology Corp 32186 Datasheet HTML 648Page - Renesas Technology Corp 32186 Datasheet HTML 649Page - Renesas Technology Corp 32186 Datasheet HTML 650Page - Renesas Technology Corp 32186 Datasheet HTML 651Page - Renesas Technology Corp 32186 Datasheet HTML 652Page - Renesas Technology Corp 32186 Datasheet HTML 653Page - Renesas Technology Corp 32186 Datasheet HTML 654Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 650 / 1032 page
background image
13
CAN MODULE
13-40
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
When using CAN interrupts, this register helps to know which slot requested an interrupt.
• Slots set for transmission
The corresponding bit is set to "1" when the CAN module finished sending. This bit is cleared by writing "0"
in software.
• Slots set for reception
The corresponding bit is set to "1" when the CAN module finished receiving and finished storing the re-
ceived message in the message slot. This bit is cleared by writing "0" in software.
When writing to the CAN slot interrupt request status, make sure only the bits to be cleared are set to "0" and
all other bits are set to "1." Those bits that have been set to "1" are unaffected by writing in software and retain
the value they had before the write.
Notes: • If the automatic response function is enabled for remote frame receive slots, the request status
is set after the CAN module finished receiving a remote frame and after it finished sending a
data frame.
• For remote frame transmit slots, the request status is set after the CAN module finished send-
ing a remote frame and after it finished receiving a data frame.
• If the request status is set by an interrupt request at the same time it is cleared in software, the
former has priority so that the request status is set.
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com