Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 649 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 649 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 645Page - Renesas Technology Corp 32186 Datasheet HTML 646Page - Renesas Technology Corp 32186 Datasheet HTML 647Page - Renesas Technology Corp 32186 Datasheet HTML 648Page - Renesas Technology Corp 32186 Datasheet HTML 649Page - Renesas Technology Corp 32186 Datasheet HTML 650Page - Renesas Technology Corp 32186 Datasheet HTML 651Page - Renesas Technology Corp 32186 Datasheet HTML 652Page - Renesas Technology Corp 32186 Datasheet HTML 653Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 649 / 1032 page
background image
13
CAN MODULE
13-39
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
CAN0 Slot Interrupt Request Status Register (CAN0SLISTW)
<Address: H’0080 100C>
CAN1 Slot Interrupt Request Status Register (CAN1SLISTW)
<Address: H’0080 140C>
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
SSB0
SSB1
SSB2
SSB3
SSB4
SSB6
SSB7
SSB8
SSB9
SSB10
SSB11
SSB12
SSB13
SSB14
SSB15
SSB5
0000000000000000
b16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
b31
SSB16
SSB17
SSB18
SSB19
SSB20
SSB22
SSB23
SSB24
SSB25
SSB26
SSB27
SSB28
SSB29
SSB30
SSB31
SSB21
0000000000000000
<Upon exiting reset: H’0000 0000>
b
Bit Name
Function
R
W
0
SSB0 (slot 0 interrupt request status bit)
0: Interrupt not requested
R(Note 1)
1
SSB1 (slot 1 interrupt request status bit)
1: Interrupt requested
2
SSB2 (slot 2 interrupt request status bit)
3
SSB3 (slot 3 interrupt request status bit)
4
SSB4 (slot 4 interrupt request status bit)
5
SSB5 (slot 5 interrupt request status bit)
6
SSB6 (slot 6 interrupt request status bit)
7
SSB7 (slot 7 interrupt request status bit)
8
SSB8 (slot 8 interrupt request status bit)
9
SSB9 (slot 9 interrupt request status bit)
10
SSB10 (slot 10 interrupt request status bit)
11
SSB11 (slot 11 interrupt request status bit)
12
SSB12 (slot 12 interrupt request status bit)
13
SSB13 (slot 13 interrupt request status bit)
14
SSB14 (slot 14 interrupt request status bit)
15
SSB15 (slot 15 interrupt request status bit)
16
SSB16 (slot 16 interrupt request status bit)
17
SSB17 (slot 17 interrupt request status bit)
18
SSB18 (slot 18 interrupt request status bit)
19
SSB19 (slot 19 interrupt request status bit)
20
SSB20 (slot 20 interrupt request status bit)
21
SSB21 (slot 21 interrupt request status bit)
22
SSB22 (slot 22 interrupt request status bit)
23
SSB23 (slot 23 interrupt request status bit)
24
SSB24 (slot 24 interrupt request status bit)
25
SSB25 (slot 25 interrupt request status bit)
26
SSB26 (slot 26 interrupt request status bit)
27
SSB27 (slot 27 interrupt request status bit)
28
SSB28 (slot 28 interrupt request status bit)
29
SSB29 (slot 29 interrupt request status bit)
30
SSB30 (slot 30 interrupt request status bit)
31
SSB31 (slot 31 interrupt request status bit)
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the status it had before the write.
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com