Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 645 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 645 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 641Page - Renesas Technology Corp 32186 Datasheet HTML 642Page - Renesas Technology Corp 32186 Datasheet HTML 643Page - Renesas Technology Corp 32186 Datasheet HTML 644Page - Renesas Technology Corp 32186 Datasheet HTML 645Page - Renesas Technology Corp 32186 Datasheet HTML 646Page - Renesas Technology Corp 32186 Datasheet HTML 647Page - Renesas Technology Corp 32186 Datasheet HTML 648Page - Renesas Technology Corp 32186 Datasheet HTML 649Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 645 / 1032 page
background image
13
CAN MODULE
13-35
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.2.6 CAN Error Count Registers
CAN0 Receive Error Count Register (CAN0REC)
<Address: H’0080 100A>
CAN1 Receive Error Count Register (CAN1REC)
<Address: H’0080 140A>
123456
b7
b0
REC
00000000
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0–7
REC
Receive error count value
R
–
During an error active/error passive state, a receive error count value is stored in this register.
The count is decremented when frames are received normally or incremented when an error occurred. If the
CAN module finished receiving normally when REC
≥ 128 (error passive), REC is set to 127. During a bus off
state, an undefined value is stored in this register. The count is reset to H’00 upon returning to an error active
state.
CAN0 Transmit Error Count Register (CAN0TEC)
<Address: H’0080 100B>
CAN1 Transmit Error Count Register (CAN1TEC)
<Address: H’0080 140B>
9
10
11
12
13
14
b15
b8
TEC
00000000
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8–15
TEC
Transmit error count value
R
–
During an error active/error passive state, a transmit error count value is stored in this register.
The count is decremented when frames are transmitted normally or incremented when an error occurred.
During a bus off state, an undefined value is stored in this register. The count is reset to H’00 upon returning to
an error active state.
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com