Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 646 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 646 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 642Page - Renesas Technology Corp 32186 Datasheet HTML 643Page - Renesas Technology Corp 32186 Datasheet HTML 644Page - Renesas Technology Corp 32186 Datasheet HTML 645Page - Renesas Technology Corp 32186 Datasheet HTML 646Page - Renesas Technology Corp 32186 Datasheet HTML 647Page - Renesas Technology Corp 32186 Datasheet HTML 648Page - Renesas Technology Corp 32186 Datasheet HTML 649Page - Renesas Technology Corp 32186 Datasheet HTML 650Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 646 / 1032 page
background image
13
CAN MODULE
13-36
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.2.7 CAN Baud Rate Prescalers
CAN0 Baud Rate Prescaler (CAN0BRP)
<Address: H’0080 1016>
CAN1 Baud Rate Prescaler (CAN1BRP)
<Address: H’0080 1416>
123456
b7
b0
BRP
00000001
<Upon exiting reset: H’01>
b
Bit Name
Function
R
W
0–7
BRP
CAN baud rate prescaler value
R
W
This register sets the Tq period of CAN. The CAN baud rate is determined by (Tq period
× number of Tq’s in one bit).
Tq period = (BRP set value + 1) / (CPUCLK/4)
CAN transfer baud rate =
1
Tq period
× number of Tq’s in one bit
Number of Tq’s in one bit = Synchronization Segment + Propagation Segment
+ Phase Segment 1 + Phase Segment 2
Notes: • Setting H’00 (divide by 1) is inhibited.
• Do not change settings of the CAN Baud Rate Prescaler (CANnBRP) during CAN opera-
tion (CAN Status Register CRS bit = "0").
• For Can module clock, select CPUCLK/4 in CAN Clock Select Register.
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com