Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 643 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 643 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 639Page - Renesas Technology Corp 32186 Datasheet HTML 640Page - Renesas Technology Corp 32186 Datasheet HTML 641Page - Renesas Technology Corp 32186 Datasheet HTML 642Page - Renesas Technology Corp 32186 Datasheet HTML 643Page - Renesas Technology Corp 32186 Datasheet HTML 644Page - Renesas Technology Corp 32186 Datasheet HTML 645Page - Renesas Technology Corp 32186 Datasheet HTML 646Page - Renesas Technology Corp 32186 Datasheet HTML 647Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 643 / 1032 page
background image
13
CAN MODULE
13-33
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(1) SJW bits (Bits 0–1)
These bits set the reSynchronization Jump Width.
(2) PH2 bits (Bits 2–4)
These bits set the width of Phase Segment2.
(3) PH1 bits (Bits 5–7)
These bits set the width of Phase Segment1.
(4) PRB bits (Bits 8–10)
These bits set the width of Propagation Segment.
(5) SAM bit (Bit 11)
This bit sets the number of times each bit is sampled. When SAM = "0," the value sampled at the end of
Phase Segment1 is assumed to be the value of the bit. When SAM = "1," the value of the bit is determined
by a majority circuit from three sampled values, each sampled 2 Tq’s before, 1 Tq before, and at the end of
Phase Segment1.
Table 13.2.1 Typical Settings of Bit Timing when CAN module clock = 20 MHz (Note 2)
Baud Rate
BRP Set Value
Tq Period (ns)
No. of Tq’s in 1 Bit
PROP + PH1
PH2
bit timing
1000K bps
1
100
10
8
1
90%
7
2
80%
6
3
70%
5
4
60%
500K bps
1
100
20
17
2
90% (Note 1)
16
3
85% (Note 1)
15
4
80% (Note 1)
14
5
75% (Note 1)
13
6
70%
12
7
65%
11
8
60%
3
200
10
8
1
90%
7
2
80%
6
3
70%
5
4
60%
4
250
8
6
1
87.5%
5
2
75%
4
3
62.5%
Note 1: PH2 = max (PH1, IPT), that is specified in CAN protocol, cannot be met.
Note 2: As for Can module clock, select CPUCLK/4 in CAN Clock Select Register.
Note: • It does not mean that the communication at the above baud rate settings is guaranteed. Sufficient evaluation and
verification are required before use.
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com