Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 640 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 640 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 636Page - Renesas Technology Corp 32186 Datasheet HTML 637Page - Renesas Technology Corp 32186 Datasheet HTML 638Page - Renesas Technology Corp 32186 Datasheet HTML 639Page - Renesas Technology Corp 32186 Datasheet HTML 640Page - Renesas Technology Corp 32186 Datasheet HTML 641Page - Renesas Technology Corp 32186 Datasheet HTML 642Page - Renesas Technology Corp 32186 Datasheet HTML 643Page - Renesas Technology Corp 32186 Datasheet HTML 644Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 640 / 1032 page
background image
13
CAN MODULE
13-30
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(1) BOS (Bus Off Status) bit (Bit 1)
When BOS bit = "1," it means that the CAN module is in a bus off state.
[Set condition]
This bit is set to "1" when the transmit error count register value exceeded 255 and a bus off state is
entered.
[Clear condition]
This bit is cleared when restored from the bus off state.
(2) EPS (Error Passive Status) bit (Bit 2)
When EPS bit = "1," it means that the CAN module is in an error passive state.
[Set condition]
This bit is set to "1" when the transmit or receive error count register value exceeded 127 and an error
passive state is entered.
[Clear condition]
This bit is cleared when restored from the error passive state.
(3) CBS (CAN Bus Error) bit (Bit 3)
[Set condition]
This bit is set to "1" when an error is detected on the CAN bus.
[Clear condition]
This bit is cleared when the CAN module finished sending or receiving normally.
(4) BCS (BasicCAN Status) bit (Bit 4)
When BCS bit = "1," it means that the CAN module is operating in BasicCAN mode.
[Set condition]
This bit is set to "1" when the CAN module is operating in BasicCAN mode. BasicCAN mode is useful
when the following conditions are met:
• CAN Control Register BCM bit = "1"
• Slots 30 and 31 both are set for data frame reception
[Clear condition]
This bit is cleared by clearing the BCM bit to "0."
(5) LBS (Loopback Status) bit (Bit 6)
When LBS bit = "1," it means that the CAN module is operating in loopback mode.
[Set condition]
This bit is set to "1" by setting the CAN Control Register LBM (loopback mode) bit to "1."
[Clear condition]
This bit is cleared by clearing the LBM bit to "0."
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com