Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 641 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 641 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 637Page - Renesas Technology Corp 32186 Datasheet HTML 638Page - Renesas Technology Corp 32186 Datasheet HTML 639Page - Renesas Technology Corp 32186 Datasheet HTML 640Page - Renesas Technology Corp 32186 Datasheet HTML 641Page - Renesas Technology Corp 32186 Datasheet HTML 642Page - Renesas Technology Corp 32186 Datasheet HTML 643Page - Renesas Technology Corp 32186 Datasheet HTML 644Page - Renesas Technology Corp 32186 Datasheet HTML 645Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 641 / 1032 page
background image
13
CAN MODULE
13-31
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(6) CRS (CAN Reset Status) bit (Bit 7)
When CRS bit = "1," it means that the protocol control unit is in a reset state.
[Set condition]
This bit is set to "1" when the CAN protocol control unit is in a reset state.
[Clear condition]
This bit is cleared by clearing the CAN Control Register RST (CAN reset) and FRST bits to "0."
However, it takes one bit period worth of set baud rate until CRS bit is cleared (=0) after RST bit and
FRST bit are cleared (=0).
(7) RSB (Receive Status) bit (Bit 8)
[Set condition]
This bit is set to "1" when the CAN module is operating as a receive node.
[Clear condition]
This bit is cleared when the CAN module starts operating as a transmit node or enters a bus idle state.
(8) TSB (Transmit Status) bit (Bit 9)
[Set condition]
This bit is set to "1" when the CAN module is operating as a transmit node.
[Clear condition]
This bit is cleared when the CAN module starts operating as a receive node or enters a bus idle state.
(9) RSC (Reception Completed Status) bit (Bit 10)
[Set condition]
This bit is set to "1" when the CAN module has finished receiving normally (regardless of whether there
is any slot that meets receive conditions).
[Clear condition]
This bit is cleared when the CAN module has finished sending normally.
(10) TSC (Transmission Completed Status) bit (Bit 11)
[Set condition]
This bit is set to "1" when the CAN module has finished sending normally.
[Clear condition]
This bit is cleared when the CAN module has finished receiving normally.
(11) MSN (Message Slot Number) bits (Bits 12–15)
These bits indicate lower 4 bits of the relevant slot number when the CAN module has finished sending or
finished storing the received data.
Slots 0 to 15 and 16 to 31 have the same value. When only slots 0 to 15 or slots 16 to 31 are used, these bits
can be read out simultaneously with other status bits. In the case where all slots are used, refer to "CANn
Message Slot Number Register (CANnMSN)."
These bits cannot be cleared to "0" in software.
Note: • When CAN module receives the frame that is transmitted by the CAN module itself during
loopback mode, the MSN bits indicate the transmit slot number.
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com