Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 644 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 644 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 640Page - Renesas Technology Corp 32186 Datasheet HTML 641Page - Renesas Technology Corp 32186 Datasheet HTML 642Page - Renesas Technology Corp 32186 Datasheet HTML 643Page - Renesas Technology Corp 32186 Datasheet HTML 644Page - Renesas Technology Corp 32186 Datasheet HTML 645Page - Renesas Technology Corp 32186 Datasheet HTML 646Page - Renesas Technology Corp 32186 Datasheet HTML 647Page - Renesas Technology Corp 32186 Datasheet HTML 648Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 644 / 1032 page
background image
13
CAN MODULE
13-34
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.2.5 CAN Timestamp Count Registers
CAN0 Timestamp Count Register (CAN0TSTMP)
<Address: H’0080 1008>
CAN1 Timestamp Count Register (CAN1TSTMP)
<Address: H’0080 1408>
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
CANTSTMP
0000000000000000
<Upon exiting reset: H’0000>
b
Bit Name
Function
R
W
0–15
CANTSTMP
16-bit timestamp count value
R
–
The CAN module contains a 16-bit up-count register. The count period can be selected from the CAN bus bit period
divided by 1, 2, 3 or 4 by setting the CAN Control Register (CAN0CNT, CAN1CNT) TSP (Timestamp Prescaler) bits.
When the CAN module finishes sending or receiving, it captures the count register value and stores the value in a
message slot. The counter is made to start counting by clearing the CAN Control Register (CAN0CNT, CAN1CNT)
RST bit to "0."
Notes: • The CAN protocol control unit can be reset and the counter initialized to H’0000 by setting the
CAN Control Register (CAN0CNT, CAN1CNT) RST (CAN Reset) bit to "1." Or the counter can
be initialized to H’0000 while the CAN module remains operating by setting the TSR
(Timestamp Counter Reset) bit to "1."
• If any slot with the matching ID exists during loopback mode, the CAN module stores the
timestamp value in that slot when it finished receiving. (No timestamp values are stored this
way when the CAN module finished sending.)
• The count period of the CAN Timestamp Count Register varies with the CAN
resynchronization function.
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com