Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 642 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 642 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 638Page - Renesas Technology Corp 32186 Datasheet HTML 639Page - Renesas Technology Corp 32186 Datasheet HTML 640Page - Renesas Technology Corp 32186 Datasheet HTML 641Page - Renesas Technology Corp 32186 Datasheet HTML 642Page - Renesas Technology Corp 32186 Datasheet HTML 643Page - Renesas Technology Corp 32186 Datasheet HTML 644Page - Renesas Technology Corp 32186 Datasheet HTML 645Page - Renesas Technology Corp 32186 Datasheet HTML 646Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 642 / 1032 page
background image
13
CAN MODULE
13-32
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.2.4 CAN Configuration Registers
CAN0 Configuration Register (CAN0CONF)
<Address: H'0080 1006>
CAN1 Configuration Register (CAN1CONF)
<Address: H'0080 1406>
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
SAM
PRB
PH1
PH2
SJW
000000000000
0
0
0
0
<Upon exiting reset: H’0000>
b
Bit Name
Function
R
W
0–1
SJW
00: SJW = 1Tq
R
W
reSynchronization Jump Width setting bit
01: SJW = 2Tq
10: SJW = 3Tq
11: SJW = 4Tq
2–4
PH2
000: Phase Segment2 = 1Tq
R
W
Phase Segment2 setting bit
001: Phase Segment2 = 2Tq
010: Phase Segment2 = 3Tq
011: Phase Segment2 = 4Tq
100: Phase Segment2 = 5Tq
101: Phase Segment2 = 6Tq
110: Phase Segment2 = 7Tq
111: Phase Segment2 = 8Tq
5–7
PH1
000: Phase Segment1 = 1Tq
R
W
Phase Segment1 setting bit
001: Phase Segment1 = 2Tq
010: Phase Segment1 = 3Tq
011: Phase Segment1 = 4Tq
100: Phase Segment1 = 5Tq
101: Phase Segment1 = 6Tq
110: Phase Segment1 = 7Tq
111: Phase Segment1 = 8Tq
8–10
PRB
000: Propagation Segment = 1Tq
R
W
Propagation Segment setting bit
001: Propagation Segment = 2Tq
010: Propagation Segment = 3Tq
011: Propagation Segment = 4Tq
100: Propagation Segment = 5Tq
101: Propagation Segment = 6Tq
110: Propagation Segment = 7Tq
111: Propagation Segment = 8Tq
11
SAM
0: Sampled one time
R
W
Sampling count select bit
1: Sampled three times
12–15
No function assigned. Fix to "0."
00
Notes: • Do not change settings of the CAN Configuration Register (CAN0CONF or CAN1CONF) during CAN operation (CAN Status
Register CRS bit = "0").
• Bit configuration is specified by the CAN protocol specification in such a way that it satisfies the conditions given below:
• Number of Tq’s for one bit: 8–25 Tq’s
• SJW
≤ min (Phase Segment1, Phase Segment2)
• Phase Segment2 = max (Phase Segment1, IPT*) where IPT = 1 for the internal CAN modules of the 32185/32186
min() is the function that returns the smaller of two values; max() is the function that returns the maximum value.
*IPT is an abbreviation for Information Processing Time, which is the time immediately after the sampling point.
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com