Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 652 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 652 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 648Page - Renesas Technology Corp 32186 Datasheet HTML 649Page - Renesas Technology Corp 32186 Datasheet HTML 650Page - Renesas Technology Corp 32186 Datasheet HTML 651Page - Renesas Technology Corp 32186 Datasheet HTML 652Page - Renesas Technology Corp 32186 Datasheet HTML 653Page - Renesas Technology Corp 32186 Datasheet HTML 654Page - Renesas Technology Corp 32186 Datasheet HTML 655Page - Renesas Technology Corp 32186 Datasheet HTML 656Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 652 / 1032 page
background image
13
CAN MODULE
13-42
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
CAN0 Error Interrupt Request Status Register (CAN0ERIST)
<Address: H’0080 1014>
CAN1 Error Interrupt Request Status Register (CAN1ERIST)
<Address: H’0080 1414>
123456
b7
b0
EIS
PIS
OIS
000
0
0
0
0
0
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0–4
No function assigned. Fix to "0."
00
5
EIS
0: Interrupt not requested
R(Note 1)
CAN bus error interrupt request status bit
1: Interrupt requested
6
PIS
Error passive interrupt request status bit
7
OIS
Bus off interrupt request status bit
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the status it had before the write.
When using CAN interrupts, if the interrupt request sources are associated with errors, this register helps to
know which source generated the interrupt.
(1) EIS (CAN Bus Error Interrupt Request Status) bit (Bit 5)
The EIS bit is set to "1" when a communication error is detected. This bit is cleared by writing "0" in software.
(2) PIS (Error Passive Interrupt Request Status) bit (Bit 6)
The PIS bit is set to "1" when the CAN module goes to an error passive state. This bit is cleared by writing
"0" in software.
(3) OIS (Bus Off Interrupt Request Status) bit (Bit 7)
The OIS bit is set to "1" when the CAN module goes to a bus off passive state. This bit is cleared by writing
"0" in software.
When writing to the CAN error interrupt request status, make sure only the bits to be cleared are set to "0" and
all other bits are set to "1." Those bits that have been set to "1" are unaffected by writing in software and retain
the value they had before the write.
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com