Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 727 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 727 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 723Page - Renesas Technology Corp 32186 Datasheet HTML 724Page - Renesas Technology Corp 32186 Datasheet HTML 725Page - Renesas Technology Corp 32186 Datasheet HTML 726Page - Renesas Technology Corp 32186 Datasheet HTML 727Page - Renesas Technology Corp 32186 Datasheet HTML 728Page - Renesas Technology Corp 32186 Datasheet HTML 729Page - Renesas Technology Corp 32186 Datasheet HTML 730Page - Renesas Technology Corp 32186 Datasheet HTML 731Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 727 / 1032 page
background image
13
CAN MODULE
13-117
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.3.3 CAN Controller Error States
The CAN controller assumes one of the following three error states depending on the transmit error and re-
ceive error counter values.
(1) Error active state
• This is a state where almost no errors have occurred.
• When an error is detected, an active error flag is transmitted.
• The CAN controller is in the state immediately after being initialized.
(2) Error passive state
• This is a state where many errors have occurred.
• When an error is detected, a passive error flag is transmitted.
(3) Bus off state
• This is a state where a very large number of errors have occurred.
• CAN communication with other nodes cannot be performed until the CAN module returns to an error active state.
Error Status of the Unit
Transmit Error Counter
Receive Error Counter
Error active state
0–127
AND
0–127
Error passive state
128–255
OR
128 and over
Bus off state
256 and over
–
Transmit error counter > 255
Transmit error counter > 128
OR
Receive error counter > 128
Transmit error counter < 128
AND
Receive error counter < 128
11 consecutive recessive bits
detected on CAN bus 128 times (Note 1)
Error active
state
Error passive
state
Bus off state
Initial setting
Note 1: With RBO (Return Bus Off) bit and FRST (Forcible Reset) bit, it can be forcibly exited from
bus off state. For detail, see CAN Control Register (CANnCNT).
13.3 CAN Protocol
Figure 13.3.4 CAN Controller Error States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com