Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 730 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 730 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 726Page - Renesas Technology Corp 32186 Datasheet HTML 727Page - Renesas Technology Corp 32186 Datasheet HTML 728Page - Renesas Technology Corp 32186 Datasheet HTML 729Page - Renesas Technology Corp 32186 Datasheet HTML 730Page - Renesas Technology Corp 32186 Datasheet HTML 731Page - Renesas Technology Corp 32186 Datasheet HTML 732Page - Renesas Technology Corp 32186 Datasheet HTML 733Page - Renesas Technology Corp 32186 Datasheet HTML 734Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 730 / 1032 page
background image
13
CAN MODULE
13-120
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Initialize CAN module
Set the Input/Output Port
Operation Mode Register
Set the Interrupt Controller
Set CAN related interrupt
request mask registers
Set CAN
Configuration Register
Set the ID Mask Register
Set CAN operation mode
Negate CAN reset
CAN module initialization
completed
Set interrupt priority
• Set the bit timing (baud rate)
• Set the number of times sampled
Set the ID mask bit
Set BasicCAN mode
• Set the CAN Frame Format Select Register
• Set IDs in message slots 30 and 31
• Set the Message Slot Control Register
Release CAN module from reset
Set CAN Error Interrupt Request
Mask Register
• Enable/disable CAN bus error
interrupt request
• Enable/disable CAN error
passive interrupt request
• Enable/disable CAN bus off
interrupt request
Set CAN Slot Interrupt
Request Mask Register
• Enable/disable the interrupt
request to be generated when
transmission or reception in
the relevant slot has finished
Set CAN Single-shot Interrupt
Request Mask Regiter
• Enable/disable the interrupt request
to be generated when single-shot
transission in the relevant slot has failed.
Set loopback mode
• Clear CAN Control Register (CANnCNT)'s
FRST and RST bits
Set DMAC
Set CAN DMA transfer
request select register
Set DMAC
Select DMA transfer request source
13.4 Initializing CAN Module
Figure 13.4.2 Initializing CAN Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com