Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 729 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 729 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 725Page - Renesas Technology Corp 32186 Datasheet HTML 726Page - Renesas Technology Corp 32186 Datasheet HTML 727Page - Renesas Technology Corp 32186 Datasheet HTML 728Page - Renesas Technology Corp 32186 Datasheet HTML 729Page - Renesas Technology Corp 32186 Datasheet HTML 730Page - Renesas Technology Corp 32186 Datasheet HTML 731Page - Renesas Technology Corp 32186 Datasheet HTML 732Page - Renesas Technology Corp 32186 Datasheet HTML 733Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 729 / 1032 page
background image
13
CAN MODULE
13-119
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Synchronization
Segment
Propagation Segment
Phase Segment1
Phase Segment2
(1)
(2)
(3)
Sampling Point
• This diagram shows the bit timing when one bit consists of 8 Tq's.
• If one-time sampling is selected, the value sampled at Sampling Point (1) is assumed to be the
value of the bit.
• If three-time sampling is selected, the value of the bit is determined by majority from CAN bus
values sampled at Sampling Points (1), (2) and (3).
1Tq
1 Bit
13.4 Initializing CAN Module
Figure 13.4.1 Example of Bit Timing
2) Setting the number of times sampled
Select the number of times the CAN bus is sampled from “one time” and “three times.”
• If one-time sampling is selected, the value sampled at only the end of Phase Segment1 is assumed to
be the value of the bit.
• If three-time sampling is selected, the value of the bit is determined by majority from three sampled values,
one sampled at the end of Phase Segment1 and the other sampled 1 Tq before and 2 Tq’s before that.
(8) Setting the ID mask registers
Set the values of ID mask registers (Global Mask Register, Local Mask Register A and Local Mask Register
B) that are used in acceptance filtering of received messages.
(9) Settings for use in BasicCAN mode
• Set the CAN Frame Format Select Register IDE30 and IDE31 bits. (We recommend setting the same value in
these bits.)
• Set IDs in message slots 30 and 31.
• Set the Message Control Registers 30 and 31 for data frame reception (H’40).
(10) Settings for use in single-shot mode
Using the CAN Mode Register (CAN0MODE, CAN1MODE) and CAN Control Register (CAN0CNT, CAN1CNT),
select CAN module operation mode (BasicCAN, loopback mode) and the clock source for the timestamp
counter.
(11) Setting CAN module operation mode
In the CAN Single-Shot Mode Control Register, set the slot that is to be operated in single-shot mode.
(12) Releasing CAN module from reset
When settings (1) through (11) above are finished, clear the CAN Control Register (CAN0CNT,
CAN1CNT)’s forcible reset (FRST) and reset (RST) bits to "0." Then, after detecting 11 consecutive reces-
sive bits on the CAN bus, the CAN module becomes ready to communicate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com