Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 732 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 732 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 728Page - Renesas Technology Corp 32186 Datasheet HTML 729Page - Renesas Technology Corp 32186 Datasheet HTML 730Page - Renesas Technology Corp 32186 Datasheet HTML 731Page - Renesas Technology Corp 32186 Datasheet HTML 732Page - Renesas Technology Corp 32186 Datasheet HTML 733Page - Renesas Technology Corp 32186 Datasheet HTML 734Page - Renesas Technology Corp 32186 Datasheet HTML 735Page - Renesas Technology Corp 32186 Datasheet HTML 736Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 732 / 1032 page
background image
13
CAN MODULE
13-122
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.5 Transmitting Data Frames
Data frame transmit procedure
Initialize CAN Message
Slot Control Register
Set ID and data in the
CAN message slot
Set the CAN Frame
Format Select Register
Set CAN Message Slot
Control Register
End of setting
Write H'00
Select standard ID or extended ID
Write H'80 (transmit request)
Read CAN Message Slot
Control Register
TRSTAT bit = 0
YES
NO
Confirm that transmission
and reception are idle
Figure 13.5.1 Data Frame Transmit Procedure
13.5.2 Data Frame Transmit Operation
The following describes data frame transmit operation. The operations described below are automatically per-
formed in hardware.
(1) Selecting a transmit frame
The CAN module checks slots which have transmit requests (including remote frame transmit slots) every
intermission to determine the frame to transmit. If two or more transmit slots exist, frames are transmitted in
order of slot numbers beginning with the smallest.
(2) Transmitting a data frame
After determining the transmit slot, the CAN module sets the corresponding CAN Message Slot Control
Register’s TRSTAT (Transmit/Receive Status) bit to "1" and starts transmitting.
(3) If lost in CAN bus arbitration or a CAN bus error occurs
If the CAN module lost in CAN bus arbitration or a CAN bus error occurs in the middle of transmission, the
CAN module clears the CAN Message Slot Control Register’s TRSTAT (Transmit/Receive Status) bit to "0."
If the CAN module requested a transmit abort, the transmit abort is accepted and the message slot is
enabled for write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com