Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 735 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 735 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 731Page - Renesas Technology Corp 32186 Datasheet HTML 732Page - Renesas Technology Corp 32186 Datasheet HTML 733Page - Renesas Technology Corp 32186 Datasheet HTML 734Page - Renesas Technology Corp 32186 Datasheet HTML 735Page - Renesas Technology Corp 32186 Datasheet HTML 736Page - Renesas Technology Corp 32186 Datasheet HTML 737Page - Renesas Technology Corp 32186 Datasheet HTML 738Page - Renesas Technology Corp 32186 Datasheet HTML 739Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 735 / 1032 page
background image
13
CAN MODULE
13-125
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.6 Receiving Data Frames
Data frame receive procedure
Initialize CAN Message Slot
Control Register
Set ID in the CAN message slot
Set the CAN Frame Format
Select Register
Set CAN Message Slot
Control Register
End of setting
Write H'00
Select Standard ID or extended ID
Write H'40 (receive request)
Read CAN Message Slot
Control Register
TRSTAT bit = 0
YES
NO
Confirm that transmission
and reception are idle
Figure 13.6.1 Data Frame Receive Procedure
13.6.2 Data Frame Receive Operation
The following describes data frame receive operation. The operations described below are automatically per-
formed in hardware.
(1) Acceptance filtering
When the CAN module finished receiving data, it starts searching for the slot that satisfies the conditions for
receiving the received message, sequentially from slot 0 (up to slot 31). The following shows receive condi-
tions for the slots that have been set for data frame reception.
[Conditions]
• The received frame is a data frame.
• The receive ID and the slot ID are identical, assuming the ID Mask Register bits set to "0" are “Don’t care.”
• The standard and extended frame types are the same.
Note: • In BasicCAN mode, slots 30 and 31 while being set for data frame reception can also
receive remote frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com