Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 739 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 739 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 735Page - Renesas Technology Corp 32186 Datasheet HTML 736Page - Renesas Technology Corp 32186 Datasheet HTML 737Page - Renesas Technology Corp 32186 Datasheet HTML 738Page - Renesas Technology Corp 32186 Datasheet HTML 739Page - Renesas Technology Corp 32186 Datasheet HTML 740Page - Renesas Technology Corp 32186 Datasheet HTML 741Page - Renesas Technology Corp 32186 Datasheet HTML 742Page - Renesas Technology Corp 32186 Datasheet HTML 743Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 739 / 1032 page
background image
13
CAN MODULE
13-129
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.7 Transmitting Remote Frames
13.7.1 Remote Frame Transmit Procedure
The following describes the procedure for transmitting remote frames.
(1) Initializing CAN Message Slot Control Register
Initialize the CAN Message Slot Control Register for the slot to be transmitted by writing H’00 to the register.
(2) Confirming that transmission is idle
Read the CAN Message Slot Control Register that has been initialized and check the TRSTAT (Transmit/
Receive Status) bit to see that transmission/reception has stopped and remains idle. If this bit = "1," it
means that the CAN module is accessing the message slot. Therefore, wait until the bit is cleared to "0."
(3) Setting transmit ID
Set the ID to be transmitted in the message slot.
(4) Setting the Frame Format Select Register
Set the corresponding bit in the Frame Format Select Register to "0" if the data is to be transmitted as a
standard frame, or "1" if the data is to be transmitted as an extended frame.
(5) Setting CAN Message Slot Control Register
Write H’A0 to the CAN Message Slot Control Register to set the TR (Transmit Request) bit and RM (Re-
mote) bit to "1."
13.7 Transmitting Remote Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com