Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 737 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 737 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 733Page - Renesas Technology Corp 32186 Datasheet HTML 734Page - Renesas Technology Corp 32186 Datasheet HTML 735Page - Renesas Technology Corp 32186 Datasheet HTML 736Page - Renesas Technology Corp 32186 Datasheet HTML 737Page - Renesas Technology Corp 32186 Datasheet HTML 738Page - Renesas Technology Corp 32186 Datasheet HTML 739Page - Renesas Technology Corp 32186 Datasheet HTML 740Page - Renesas Technology Corp 32186 Datasheet HTML 741Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 737 / 1032 page
background image
13
CAN MODULE
13-127
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.6 Receiving Data Frames
13.6.3 Reading Out Received Data Frames
The following shows the procedure for reading out received data frames from the slot.
(1) Clearing TRFIN (Transmit/Receive Finished) bit
Write H’4E, H’40 or H’00 to the CAN Message Slot Control Register (C0MSLnCNT, C1MSLnCNT) to clear
the TRFIN bit to "0." After this write, the slot operates as follows:
Values Written to
Slot Operation after Write
C0MSLnCNT, C1MSLnCNT
H’4E
Operates as a data frame receive slot. Whether overwritten can be verified by ML bit.
H’40
Operates as a data frame receive slot. Whether overwritten cannot be verified by ML bit.
H’00 (Note 1)
The slot stops transmit/receive operation.
Note 1: When the CAN Message Slot Control Register (C0MSLnCNT, C1MSLnCNT) RR (Recieve Request) bit is cleared to
"0" by writing H’00, if the receive operation has started until just before the bit is cleared, the transmit/receive control
will be performed until the receive operation is finished.
Note : • If message-lost check by the ML bit is needed, write H’4E to clear the TRFIN bit.
(2) Reading out from the message slot
Read out a message from the message slot.
(3) Checking TRFIN (Transmit/Receive Finished) bit
Read the CAN Message Slot Control Register to check the TRFIN (Transmit/Receive Finished) bit.
1) If TRFIN (Transmit/Receive Finished) bit = "1"
It means that new data was stored in the slot while still reading out a message from it in (2) above. In
this case, the data read out in (2) may contain an undefined value. Therefore, reexecute the above
procedure beginning with clearing of the TRFIN (Transmit/Receive Finished) bit in (1).
2) If TRFIN (Transmit/Receive Finished) bit = "0"
It means that the CAN module finished reading out from the slot normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com