Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 736 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 736 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 732Page - Renesas Technology Corp 32186 Datasheet HTML 733Page - Renesas Technology Corp 32186 Datasheet HTML 734Page - Renesas Technology Corp 32186 Datasheet HTML 735Page - Renesas Technology Corp 32186 Datasheet HTML 736Page - Renesas Technology Corp 32186 Datasheet HTML 737Page - Renesas Technology Corp 32186 Datasheet HTML 738Page - Renesas Technology Corp 32186 Datasheet HTML 739Page - Renesas Technology Corp 32186 Datasheet HTML 740Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 736 / 1032 page
background image
13
CAN MODULE
13-126
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
B'0100 0011
B'0000 0001
B'0100 0001
B'0000 0000
B'0100 0000
Clear the receive request
Write H'40
Start storing the received data
Clear the receive
request
Store
the
received
data
Clear
the
rec
eive
re
quest
Finished storing the received data
Finished
storing
the
received
data
Clear
the
receive
request
B'0000 0011
B'0100 0111
Start storing the received data
(Message lost occurs)
B'0100 0101
Finished storing
the received
data
B'0000 0111
B'0000 0101
Start store the received data
(Message lost occurs)
Wait for the
received data
Wait for the received data
Finished storing
the received data
Clear the receive
request
Clear the receive
request
Clear the receive
request
Finished storing
the received data
Store
the
received
data
Clear
the
rec
eive
re
quest
Finished
storing
the
received
data
Clear
the
receive
request
1
2
3
4
5
6
b7 (b15)
(b8)
b0
RM
RR
TR
RL
RA
ML
TRSTAT TRFIN
00000000
CAN message slot control register bit allocation
CPU read & TRFIN bit clear
CPU read & TRFIN bit clear
B'0100 0111
Figure 13.6.2 Operation of CAN Message Slot Control Register during Data Frame Reception
13.6 Receiving Data Frames
(2) When the receive conditions are met
When the receive conditions in (1) above are met, the CAN module sets the CAN Message Slot Control
Register’s TRSTAT (Transmit/Receive Status) bit and TRFIN (Transmit/Receive Finished) bit to "1" while at
the same time writing the received data to the message slot. If the TRFIN (Transmit/Receive Finished) bit is
already set to "1" at this time, the CAN module also sets the ML (Message Lost) bit to "1," indicating that the
message slot has been overwritten. The message slot has both of its ID and DLC fields entirely overwritten
and has an undefined value written in its unused area (e.g., extended ID field during standard frame recep-
tion and an unused data field).
Furthermore, a timestamp count value at which the message was received is written to the CAN Message
Slot Timestamp (C0MSLnTSP, C1MSLnTSP) along with the received data. When the CAN module finished
writing to the message slot, it sets the CAN Slot Interrupt Request Status bit to "1." If the interrupt request for
the slot has been enabled, the CAN module generates an interrupt request and enters a wait state for the
next reception.
(3) When the receive conditions are not met
The received frame is discarded, and the CAN module goes to the next transmit/receive operation without
writing to the message slot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com