Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 731 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 731 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 727Page - Renesas Technology Corp 32186 Datasheet HTML 728Page - Renesas Technology Corp 32186 Datasheet HTML 729Page - Renesas Technology Corp 32186 Datasheet HTML 730Page - Renesas Technology Corp 32186 Datasheet HTML 731Page - Renesas Technology Corp 32186 Datasheet HTML 732Page - Renesas Technology Corp 32186 Datasheet HTML 733Page - Renesas Technology Corp 32186 Datasheet HTML 734Page - Renesas Technology Corp 32186 Datasheet HTML 735Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 731 / 1032 page
background image
13
CAN MODULE
13-121
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.5 Transmitting Data Frames
13.5 Transmitting Data Frames
13.5.1 Data Frame Transmit Procedure
The following describes the procedure for transmitting data frames.
(1) Initializing CAN Message Slot Control Register
Initialize the CAN Message Slot Control Register for the slot to be transmitted by writing H’00 to the register.
(2) Confirming that transmission is idle
Read the CAN Message Slot Control Register that has been initialized and check the TRSTAT (Transmit/
Receive Status) bit to see that transmission/reception has stopped and remains idle. If this bit = "1," it
means that the CAN module is accessing the message slot. Therefore, wait until the bit is cleared to "0."
(3) Setting transmit data
Set the transmit ID and transmit data in the message slot.
(4) Setting CAN Frame Select Format Register
Set the corresponding bit in CAN Frame Select Format Register to "0" if the data is to be transmitted as a
standard frame, or "1" if the data is to be transmitted as an extended frame.
(5) Setting CAN Message Slot Control Register
Write H’80 (Note 1) to the CAN Message Slot Control Register to set the TR (Transmit Request) bit to "1."
Note 1: Always be sure to write H’80 when transmitting data frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com