Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 844 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 844 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 840Page - Renesas Technology Corp 32186 Datasheet HTML 841Page - Renesas Technology Corp 32186 Datasheet HTML 842Page - Renesas Technology Corp 32186 Datasheet HTML 843Page - Renesas Technology Corp 32186 Datasheet HTML 844Page - Renesas Technology Corp 32186 Datasheet HTML 845Page - Renesas Technology Corp 32186 Datasheet HTML 846Page - Renesas Technology Corp 32186 Datasheet HTML 847Page - Renesas Technology Corp 32186 Datasheet HTML 848Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 844 / 1032 page
background image
18
WAIT CONTROLLER
18-2
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
18.1 Outline of Wait Controller
The Wait Controller controls the number of wait states inserted in bus cycles when accessing an external
extension area. The Wait Controller is outlined in the table below.
Table 18.1.1 Outline of the Wait Controller
Item
Description
Target space
Control is applied to the following address spaces depending on operation mode:
Single-chip mode:
No target space (Settings of the Wait Controller have no effect)
External extension mode: CS0 area (7 Mbytes), CS1 area (8 Mbytes),
CS2 area (8 Mbytes), CS3 area (8 Mbytes)
Processor mode:
CS0 area (8 Mbytes), CS1 area (8 Mbytes),
CS2 area (8 Mbytes), CS3 area (8 Mbytes)
Number of wait states
0–15 wait states set by software + any number of wait states set from the WAIT# pin
that can be inserted
During external extension and processor modes, four chip select signals (CS0# to CS3#) are output, each
corresponding to one of the four external extension areas referred to as CS0 through CS3.
18.1 Outline of Wait Controller
H'0000 0000
H'0010 0000
H'000F FFFF
H'0100 0000
H'007F FFFF
H'0200 0000
H'017F FFFF
H'0300 0000
H'027F FFFF
H'037F FFFF
H'0080 0000
H'00FF FFFF
H'0180 0000
H'01FF FFFF
H'0280 0000
H'02FF FFFF
H'03FF FFFF
H'0380 0000
Note 1. Non-CS0 area
Note: Ghost area should not be used intentionally during programing.
Internal ROM
area (Note 1)
CS0 area
(7MB)
CS1 area
(8MB)
CS2 area
(8MB)
CS3 area
(8MB)
CS0 area
(8MB)
CS1 area
(8MB)
CS2 area
(8MB)
CS3 area
(8MB)
Non-CS0 area
(Internal ROM access area)
<External extension mode>
<Processor mode>
Ghost area
(8MB)
Ghost area
(8MB)
Ghost area
(8MB)
Ghost area
(8MB)
Ghost area
(8MB)
Ghost area
(8MB)
Figure 18.1.1 CS0–CS3 Area Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com