Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 846 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 846 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 842Page - Renesas Technology Corp 32186 Datasheet HTML 843Page - Renesas Technology Corp 32186 Datasheet HTML 844Page - Renesas Technology Corp 32186 Datasheet HTML 845Page - Renesas Technology Corp 32186 Datasheet HTML 846Page - Renesas Technology Corp 32186 Datasheet HTML 847Page - Renesas Technology Corp 32186 Datasheet HTML 848Page - Renesas Technology Corp 32186 Datasheet HTML 849Page - Renesas Technology Corp 32186 Datasheet HTML 850Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 846 / 1032 page
background image
18
WAIT CONTROLLER
18-4
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
18.2 Wait Controller Related Registers
Shown below is a Wait Controller related register map.
Wait Controller Related Register Map
Address
+0 address
+1 address
See
b0
b7 b8
b15
pages
H'0080 0180
CS0 Area Wait Control Register
CS1 Area Wait Control Register
18-4
(CS0WTCR)
(CS1WTCR)
H'0080 0182
CS2 Area Wait Control Register
CS3 Area Wait Control Register
18-4
(CS2WTCR)
(CS3WTCR)
H'0080 01A2
Flash E/W Wait Select Register
(Use inhibited area)
18-6
(FWAIT)
18.2.1 CS Area Wait Control Registers
CS0 Area Wait Control Register (CS0WTCR)
<Address: H’0080 0180>
CS1 Area Wait Control Register (CS1WTCR)
<Address: H’0080 0181>
CS2 Area Wait Control Register (CS2WTCR)
<Address: H’0080 0182>
CS3 Area Wait Control Register (CS3WTCR)
<Address: H’0080 0183>
123456
b7(b15)
b0(b8)
IDLEn
11111111
RECOVn
SWAITn
CWAITn
WAITn
<Upon exiting reset: H’FF>
b
Bit Name
Function
R
W
0–3
WAIT
0000: 0 wait state (Note 1)
R
W
(8–11)
Internal wait states select bit
0001: 1 wait state
1111: 15 wait state
4
CWAIT
0: No CS wait
R
W
(12)
CS signal wait bit
1: CS wait added
5
SWAIT
0: No strobe wait
R
W
(13)
Strobe signal wait bit
1: Strobe wait added
6
RECOV
0: No recovery cycle
R
W
(14)
Recovery cycle addition bit
1: Recovery cycle added
7
IDLE
0: No post-read idle cycle
R
W
(15)
Post-read idle cycle addition bit
1: Post-read idle cycle added
Note 1: When zero wait state is selected, wait states inserted by external WAIT# input are not accepted. Also, when the CLKOUT
Select Register (CLKOUTSEL) CLKOSEL bit is set to "1" (i.e. BCLK is selected as CLKOUT output), selecting 0 wait
sate is prohibited regardless of CS0 to CS3 are used or not.
18.2 Wait Controller Related Registers
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com