Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 848 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 848 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 844Page - Renesas Technology Corp 32186 Datasheet HTML 845Page - Renesas Technology Corp 32186 Datasheet HTML 846Page - Renesas Technology Corp 32186 Datasheet HTML 847Page - Renesas Technology Corp 32186 Datasheet HTML 848Page - Renesas Technology Corp 32186 Datasheet HTML 849Page - Renesas Technology Corp 32186 Datasheet HTML 850Page - Renesas Technology Corp 32186 Datasheet HTML 851Page - Renesas Technology Corp 32186 Datasheet HTML 852Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 848 / 1032 page
background image
18
WAIT CONTROLLER
18-6
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
18.2 Wait Controller Related Registers
18.2.2 Flash E/W Wait Select Register
Flash E/W Wait Select Register (FWAIT)
<Address: H'0080 01A2>
123456
b7
b0
FEWWAIT
0
0
0
0
0
0
0
0
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
0–6
No function assigned. Fix to "0."
0–
7
FEWWAIT
0: 9WAIT
R
0
Flash E/W internal wait states select bit
1: 4WAIT
(1) FEWWAIT (Flash E/W Internal Wait States Select) bit (Bits 7)
This bit selects the number of wait states to be inserted in internal cycles during flash E/W access.
Always be sure to set this bit to "0" before executing flash E/W operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com