Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 847 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 847 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 843Page - Renesas Technology Corp 32186 Datasheet HTML 844Page - Renesas Technology Corp 32186 Datasheet HTML 845Page - Renesas Technology Corp 32186 Datasheet HTML 846Page - Renesas Technology Corp 32186 Datasheet HTML 847Page - Renesas Technology Corp 32186 Datasheet HTML 848Page - Renesas Technology Corp 32186 Datasheet HTML 849Page - Renesas Technology Corp 32186 Datasheet HTML 850Page - Renesas Technology Corp 32186 Datasheet HTML 851Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 847 / 1032 page
background image
18
WAIT CONTROLLER
18-5
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
18.2 Wait Controller Related Registers
The operation is not guaranteed if the settings listed in the Table 18.2.1 are selected.
Table 18.2.1 List of Prohibited Settings
CLKOSEL
WAIT
CWAIT
SWAIT
RECOV
IDLE
0
0000
1
–
–
–
0
0000
–
1
–
–
0
0000
–
–
1
–
0
0000
–
–
–
1
0
0001
1
1
–
–
1
0000
–
–
–
–
1
0001
1
–
–
–
1
0001
–
1
–
–
Note: • " – " = Don't Care
If a read cycle is followed immediately by a write cycle, one idle cycle is inserted unless RECOV bit = 1 and
IDLE bit = 0. Table 18.2.2 shows the relationship between RECOV bit and IDLE bit settings and the num-
ber of idle cycles inserted after the bus cycle.
Table 18.2.2 RECOV Bit and IDLE Bit Settings and the Number of Idle Cycles Inserted after Bus Cycle
RECOV
IDLE
Read (Followed by Write)
Read (Followed by Read)
Write
0
0
1
0
(Note 1)
0
01
1
1
0
10
0
0
0
11
1
1
0
Note 1: The number of cycles inserted when instruction fetch access occurs back-to-back, or operand access is performed
successively by a word (32-bit) access. In other cases (if operand access is performed successively, instruction fetch
access is followed by operand access or operand access is followed by instruction fetch access), a 1-cycle idle cycle
is inserted.
Note: • Under each of the above conditions, no recovery cycle is inserted when RECOV bit = 0, and one recovery cycle is
inserted when RECOV bit = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com