Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 125Page - Renesas Technology Corp 32186 Datasheet HTML 126Page - Renesas Technology Corp 32186 Datasheet HTML 127Page - Renesas Technology Corp 32186 Datasheet HTML 128Page - Renesas Technology Corp 32186 Datasheet HTML 129Page - Renesas Technology Corp 32186 Datasheet HTML 130Page - Renesas Technology Corp 32186 Datasheet HTML 131Page - Renesas Technology Corp 32186 Datasheet HTML 132Page - Renesas Technology Corp 32186 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 1032 page
background image
INTERRUPT CONTROLLER (ICU)
5
5-5
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
5.2 ICU Related Registers
5.2.1 Interrupt Vector Register
Interrupt Vector Register (IVECT)
<Address: H’0080 0000>
b0
123456789
10
11
12
13
14
b15
IVECT
????????????????
<Upon exiting reset: Undefined>
b
Bit Name
Function
R
W
0
−15
IVECT
When an interrupt request is accepted, the 16-low-order
R
N
16 low-order bits of ICU vector table address
bits of the ICU vector table address for the accepted
interrupt request source are stored in this register.
Note: • This register must always be accessed in halfwords (2 bytes). (This is a read-only register.)
The Interrupt Vector Register (IVECT) is used when an interrupt request is accepted to store the 16-low-
order bits of the ICU vector table address for the accepted interrupt request source.
Before this function can work, the ICU vector table (addresses H’0000 0094 through H’0000 013B) must
have set in it the start addresses of interrupt handlers for each internal peripheral I/O. When an interrupt
request is accepted, the 16-low-order bits of the ICU vector table address for the accepted interrupt re-
quest source are stored in the IVECT register. In the EIT handler, read the content of this IVECT register
using the LDH instruction to get the ICU vector table address.
When the IVECT register is read, operations (1) to (4) below are automatically performed in hardware.
(1) The interrupt priority level of the accepted interrupt request source (ILEVEL) is set in the IMASK regis
ter as a new IMASK value. (Interrupts with lower priority levels than that of the accepted interrupt
request source are masked.)
(2) The interrupt request bit for the accepted interrupt request source is cleared (not cleared for level-
recognized interrupt request sources).
(3) The interrupt request (EI) to the CPU core is dropped.
(4) The ICU’s internal sequencer is activated to start internal processing (interrupt priority resolution).
Notes: • Do not read the Interrupt Vector Register (IVECT) in the EIT handler unless interrupts are dis
abled (PSW register IE bit = "0"). In the EIT handler, furthermore, read the Interrupt Request
Mask Register (IMASK) first before reading the IVECT register.
• To reenable interrupts (by setting the IE bit to "1") after reading the Interrupt Vector Register
(IVECT), execute the following processing in the order given:
(1) Read the Interrupt Vector Register (IVECT)
(2) Perform a read access to the SFR at least once
(3) Perform a dumy access to the internal memory, SFR, etc. at least once
(4) Enable interrupts (by setting the IE bit to "1")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com