Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 126Page - Renesas Technology Corp 32186 Datasheet HTML 127Page - Renesas Technology Corp 32186 Datasheet HTML 128Page - Renesas Technology Corp 32186 Datasheet HTML 129Page - Renesas Technology Corp 32186 Datasheet HTML 130Page - Renesas Technology Corp 32186 Datasheet HTML 131Page - Renesas Technology Corp 32186 Datasheet HTML 132Page - Renesas Technology Corp 32186 Datasheet HTML 133Page - Renesas Technology Corp 32186 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 1032 page
background image
INTERRUPT CONTROLLER (ICU)
5
5-6
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
5.2 ICU Related Registers
5.2.2 Interrupt Request Mask Register
Interrupt Request Mask Register (IMASK)
<Address: H’0080 0004>
123456
b7
b0
IMASK
111
0
0
0
0
0
<Upon exiting reset: H’07>
b
Bit Name
Function
R
W
0–4
No function assigned. Fix to "0"
00
5–7
IMASK
000: Disable maskable interrupts
R
W
Interrupt request mask bit
001: Accept interrupts with priority level 0
010: Accept interrupts with priority levels 0–1
011: Accept interrupts with priority levels 0–2
100: Accept interrupts with priority levels 0–3
101: Accept interrupts with priority levels 0–4
110: Accept interrupts with priority levels 0–5
111: Accept interrupts with priority levels 0–6
The Interrupt Request Mask Register (IMASK) is used to finally determine whether or not to accept an
interrupt request after comparing its priority with the priority levels (Interrupt Control Register ILEVEL bits)
that have been set for each interrupt request source.
When the Interrupt Vector Register (IVECT) is read, the interrupt priority level of the accepted interrupt
request source is set in this IMASK register as a new mask value.
When any value is written to the IMASK register, operations (1) to (2) below are automatically performed in
hardware.
(1) The interrupt request (EI) to the CPU core is deasserted.
(2) The ICU’s internal sequencer is activated to start internal processing (interrupt priority resolution).
Notes: • Do not write to the Interrupt Request Mask Register (IMASK) unless interrupts are disabled
(PSW register IE bit = "0").
• To reenable interrupts (by setting the IE bit to "1") after writing to the Interrupt Request Mask
Register (IMASK), execute the following processing in the order given:
(1) Write to the Interrupt Request Mask Register (IMASK)
(2) Perform a read access to the SFR at least once
(3) Perform a dumy access to the internal memory, SFR, etc. at least once
(4) Enable interrupts (by setting the IE bit to "1")
or
(1) Write to the Interrupt Request Mask Register (IMASK)
(2) Perform a dumy access to the internal memory, SFR, etc. twice or more
(3) Issue four or more instructions (Note 1)
(4) Enable interrupts (by setting the IE bit to "1")
Note 1: Any instructions other than NOP that does not require clock cycles (one that is automati-
cally inserted by the assembler for alignment adjustment: instruction code H'F000).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com