Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 130Page - Renesas Technology Corp 32186 Datasheet HTML 131Page - Renesas Technology Corp 32186 Datasheet HTML 132Page - Renesas Technology Corp 32186 Datasheet HTML 133Page - Renesas Technology Corp 32186 Datasheet HTML 134Page - Renesas Technology Corp 32186 Datasheet HTML 135Page - Renesas Technology Corp 32186 Datasheet HTML 136Page - Renesas Technology Corp 32186 Datasheet HTML 137Page - Renesas Technology Corp 32186 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 1032 page
background image
INTERRUPT CONTROLLER (ICU)
5
5-10
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 5.2.1 Configuration of the Interrupt Control Register (Edge-recognized Type)
5.2 ICU Related Registers
Figure 5.2.2 Configuration of the Interrupt Control Register (Level-recognized Type)
(2) ILEVEL (Interrupt Priority Level) (Bits 5–7 or bits 13–15)
These bits set the priority levels of interrupt requests from each internal peripheral I/O. Set these bits
to "111" to disable or any value "000" through "110" to enable the interrupt from some internal periph-
eral I/O.
When an interrupt occurs, the Interrupt Controller resolves priority between this interrupt and other
interrupt sources based on ILEVEL settings and finally compares priority with the IMASK value to
determine whether to forward an EI request to the CPU or keep the interrupt request pending.
The table below shows the relationship between ILEVEL settings and the IMASK values at which
interrupts are accepted.
Table 5.2.1 ILEVEL Settings and Accepted IMASK Values
ILEVEL values set
IMASK values at which interrupts are accepted
0 (ILEVEL = "000")
Accepted when IMASK is 1–7
1 (ILEVEL = "001")
Accepted when IMASK is 2–7
2 (ILEVEL = "010")
Accepted when IMASK is 3–7
3 (ILEVEL = "011")
Accepted when IMASK is 4–7
4 (ILEVEL = "100")
Accepted when IMASK is 5–7
5 (ILEVEL = "101")
Accepted when IMASK is 6–7
6 (ILEVEL = "110")
Accepted when IMASK is 7
7 (ILEVEL = "111")
Not accepted (interrupts disabled)
Interrupt request from
each internal peripheral I/O
Interrupt enabled
ILEVEL
(levels 0-7)
Data bus
Bits 5-7 or bits 13-15
3
F/F
Set
Set/clear
IREQ
Interrupt priority
resolving circuit
F/F
Reset
IVECT read
IMASK write
Clear
To the CPU core
Bits 3 or bits 11
Set
EI
Group interrupt request from
each internal peripheral I/O
Interrupt enabled
Bit 3 or 11
Data bus
Bits 5-7 or bits 13-15
Read
3
IREQ
Read-only circuit
ILEVEL
(levels 0-7)
Group interrupt
Interrupt priority
resolving circuit
F/F
Clear
To the CPU core
Set
EI
Reset
IVECT read
IMASK write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com