Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 129Page - Renesas Technology Corp 32186 Datasheet HTML 130Page - Renesas Technology Corp 32186 Datasheet HTML 131Page - Renesas Technology Corp 32186 Datasheet HTML 132Page - Renesas Technology Corp 32186 Datasheet HTML 133Page - Renesas Technology Corp 32186 Datasheet HTML 134Page - Renesas Technology Corp 32186 Datasheet HTML 135Page - Renesas Technology Corp 32186 Datasheet HTML 136Page - Renesas Technology Corp 32186 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 1032 page
background image
INTERRUPT CONTROLLER (ICU)
5
5-9
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
5.2 ICU Related Registers
9
1011121314
b15)
(b8
123456
b7
b0
ILEVEL
IREQ
0
111
0
0
0
0
<Upon exiting reset: H’07>
b
Bit Name
Function
R
W
0–2
No function assigned. Fix to "0"
00
(8–10)
3
IREQ
<When edge-recognized>
R
W
(11)
Interrupt request bit
At read
0: Interrupt not requested
1: Interrupt requested
At write
0: Clear interrupt request
1: Generate interrupt request
<When level-recognized>
R
0
At read
0: Interrupt not requested
1: Interrupt requested
4
No function assigned. Fix to "0"
00
(12)
5–7
ILEVEL
000: Interrupt priority level 0
R
W
(13–15)
Interrupt priority level bits
001: Interrupt priority level 1
010: Interrupt priority level 2
011: Interrupt priority level 3
100: Interrupt priority level 4
101: Interrupt priority level 5
110: Interrupt priority level 6
111: Interrupt priority level 7 (interrupt disabled)
(1) IREQ (Interrupt Request) bit (Bit 3 or 11)
When an interrupt request from some internal peripheral I/O occurs, the corresponding IREQ (Inter-
rupt Request) bit is set to "1."
This bit can be set and cleared in software for only edge-recognized interrupt request sources (and
not for level-recognized interrupt request sources). Also, when this bit is set by an edge-recognized
interrupt request generated, it is automatically cleared to "0" by reading the Interrupt Vector Register
(IVECT) (not cleared in the case of level-recognized interrupt request).
If the IREQ bit is cleared in software at the same time it is set by an interrupt request generated,
clearing in software has priority. Also, if the IREQ bit is cleared by reading the Interrupt Vector Regis-
ter (IVECT) at the same time it is set by an interrupt request generated, clearing by a read of the
IVECT register has priority.
Note: • External Interrupt (EI) to the CPU core is not deasserted by clearing the IREQ bit. External
Interrupt (EI) to the CPU core can only be deasserted by the following operation:
(1) Reset
(2) IVECT register read
(3) Write to the IMASK register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com