Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 133Page - Renesas Technology Corp 32186 Datasheet HTML 134Page - Renesas Technology Corp 32186 Datasheet HTML 135Page - Renesas Technology Corp 32186 Datasheet HTML 136Page - Renesas Technology Corp 32186 Datasheet HTML 137Page - Renesas Technology Corp 32186 Datasheet HTML 138Page - Renesas Technology Corp 32186 Datasheet HTML 139Page - Renesas Technology Corp 32186 Datasheet HTML 140Page - Renesas Technology Corp 32186 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 1032 page
background image
INTERRUPT CONTROLLER (ICU)
5
5-13
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 5.5.1 Example of Priority Resolution when Accepting Interrupt Requests
Table 5.5.1 ILEVEL Settings and Accepted IMASK Values
ILEVEL values set
IMASK values at which interrupts are accepted
0 (ILEVEL = "000")
Accepted when IMASK is 1–7
1 (ILEVEL = "001")
Accepted when IMASK is 2–7
2 (ILEVEL = "010")
Accepted when IMASK is 3–7
3 (ILEVEL = "011")
Accepted when IMASK is 4–7
4 (ILEVEL = "100")
Accepted when IMASK is 5–7
5 (ILEVEL = "101")
Accepted when IMASK is 6–7
6 (ILEVEL = "110")
Accepted when IMASK is 7
7 (ILEVEL = "111")
Not accepted (interrupts disabled)
5.5 Description of Interrupt Operation
5.5.1 Acceptance of Internal Peripheral I/O Interrupts
An interrupt request from any internal peripheral I/O is checked to see whether or not to accept by compar-
ing its ILEVEL value set in the Interrupt Control Register and the IMASK value of the Interrupt Request
Mask Register. If its priority is higher than the IMASK value, the interrupt request is accepted. However, if
two or more interrupt requests occur simultaneously, the Interrupt Controller resolves priority between
these interrupt requests following the procedure described below.
1) The ILEVEL values set in the Interrupt Control Registers for the respective internal peripheral I/Os are
compared with each other.
2) If the ILEVEL values are the same, priorities are resolved according to the predetermined hardware priority.
3) The ILEVEL and IMASK values are compared.
If two or more interrupt requests occur simultaneously, the Interrupt Controller first compares their priority levels
set in each Interrupt Control Register’s ILEVEL bit to select an interrupt request that has the highest priority. If
the interrupt requests have the same ILEVEL value, their priorities are resolved according to the hardware fixed
priority. The interrupt request thus selected has its ILEVEL value compared with the IMASK value and if its
priority is higher than the IMASK value, the Interrupt Controller sends an EI request to the CPU.
Interrupt requests may be masked by setting the Interrupt Request Mask Register and the Interrupt Control
Register’s ILEVEL bit (disabled at level 7) provided for each internal peripheral I/O and the PSW register IE bit.
5.5 Description of Interrupt Operation
Interrupt
requested
or not
Resolve priority
according to
Interrupt Priority
Level (ILEVEL)
Resolve priority
according to
hardware priority
Compare with
IMASK value
TIN3 input interrupt request
(MJT input interrupt 4)
TIO5 output interrupt request
(MJT output interrupt 4)
TOP8 output interrupt request
(MJT output interrupt 6)
SIO0 transmit interrupt request
DMA1 interrupt request
(DMA0-4 interrupt)
A/D0 conversion interrupt request
(ILEVEL settings)
Level 3
Level 4
Level 5
Level 3
Level 1
Level 3
Not requested
Requested
Requested
Requested
Requested
Requested
Hardware
fixed priority
Accept interrupt
if PSW register
IE bit = 1
Level 3
Level 3
Level 3
Can be accepted
when IMASK = 4-7
1)
2)
3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com