Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 137Page - Renesas Technology Corp 32186 Datasheet HTML 138Page - Renesas Technology Corp 32186 Datasheet HTML 139Page - Renesas Technology Corp 32186 Datasheet HTML 140Page - Renesas Technology Corp 32186 Datasheet HTML 141Page - Renesas Technology Corp 32186 Datasheet HTML 142Page - Renesas Technology Corp 32186 Datasheet HTML 143Page - Renesas Technology Corp 32186 Datasheet HTML 144Page - Renesas Technology Corp 32186 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 1032 page
background image
INTERRUPT CONTROLLER (ICU)
5
5-17
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
5.6 Description of System Break Interrupt (SBI) Operation
5.6.1 Acceptance of SBI
System Break Interrupt (SBI) is an emergency interrupt which is used when power outage is detected or a
fault condition is notified by an external watchdog timer. The system break interrupt is accepted anytime
upon detection of a falling edge on the SBI# signal input pin no matter how the PSW register IE bit is set,
and cannot be masked. If falling edge is inputted to SBI# pin again, system break is not occured while SBI
request bit is set to "1."
5.6.2 SBI Processing by Handler
When the system break interrupt generated has been serviced, shut down or reset the system without
returning to the program that was being executed when the interrupt occurred.
5.6 Description of System Break Interrupt (SBI) Operation
Figure 5.6.1 Typical SBI Operation
H'0000 0010
BRA instruction
SBI (System Break Interrupt)
handler
SBI (System Break Interrupt)
vector entry
Program being
executed
SBI generated
Processing to shut
down the system
(Note 1)
Note 1: Do not return to the program that was being executed when the interrupt occurred.
Shut down or
reset the system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com