Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 140Page - Renesas Technology Corp 32186 Datasheet HTML 141Page - Renesas Technology Corp 32186 Datasheet HTML 142Page - Renesas Technology Corp 32186 Datasheet HTML 143Page - Renesas Technology Corp 32186 Datasheet HTML 144Page - Renesas Technology Corp 32186 Datasheet HTML 145Page - Renesas Technology Corp 32186 Datasheet HTML 146Page - Renesas Technology Corp 32186 Datasheet HTML 147Page - Renesas Technology Corp 32186 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 1032 page
background image
6
INTERNAL MEMORY
6-2
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.1 Outline of Internal Memory
The 32185/32186 internally contain the following types of memory:
• 64-Kbyte and 32-Kbyte RAM
• 1-Mbyte (1024 Kbytes) and 512-Kbyte flash memories
6.2 Internal RAM
Specifications of the internal RAM are shown below.
Table 6.2.1 Specifications of the Internal RAM
Item
Specification
Size
M32185F4: 32 Kbytes
M32186F8: 64 Kbytes
Location address
M32185F4: H'0080 4000 to H'0080 BFFF
M32186F8: H’0080 4000 to H’0081 3FFF
Wait insertion
Operates with zero wait states
Internal bus connection
Connected by 32-bit bus
Dual port
By using the Real-Time Debugger (RTD), data can be read (monitored) or written to any area of
the internal RAM via serial communication from external devices independently of the CPU. (See
Chapter 15, “Real-Time Debugger.”)
Note: • Immediately after power-on reset (for the power-on case in which VDDE also goes up from GND), the value of the
RAM is undefined. However when RAM back up mode is used(power for only VDDE is on) RAM retains the value
before exiting reset for only RAM back up area.
6.3 Internal RAM Protect Function
This function monitors writes to the internal RAM.
Writes to the RAM can be disabled in 16-Kbyte units for H'0080 4000 to H'0084 3FFF. If the area where
disabled a write is accessed for write, an interrupt can be generated.
Note: • The internal resources that are likely to access the internal RAM for write include six modules:
CPU, DMA, SDI (tool), NBD, RTD, and DRI. Of these, the RTD and DRI are not subject to the
RAM protect function, so that write accesses made to the internal RAM by the RTD or DRI cannot
be detected.
6.1 Outline of Internal Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com