Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 142Page - Renesas Technology Corp 32186 Datasheet HTML 143Page - Renesas Technology Corp 32186 Datasheet HTML 144Page - Renesas Technology Corp 32186 Datasheet HTML 145Page - Renesas Technology Corp 32186 Datasheet HTML 146Page - Renesas Technology Corp 32186 Datasheet HTML 147Page - Renesas Technology Corp 32186 Datasheet HTML 148Page - Renesas Technology Corp 32186 Datasheet HTML 149Page - Renesas Technology Corp 32186 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 1032 page
background image
6
INTERNAL MEMORY
6-4
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
<Upon exiting reset: H'0000>
b
Bit Name
Function
R
W
0
RAMWRIST0
0: Area 0 interrupt not request
R (Note 1)
(Area 0 RAM write monitor interrupt status bit)
1: Area 0 interrupt requested
1
RAMWRIST1
0: Area 1 interrupt not request
R (Note 1)
(Area 1 RAM write monitor interrupt status bit)
1: Area 1 interrupt requested
2
RAMWRIST2
0: Area 2 interrupt not request
R (Note 1)
(Area 2 RAM write monitor interrupt status bit)
1: Area 2 interrupt requested
3
RAMWRIST3
0: Area 3 interrupt not request
R (Note 1)
(Area 3 RAM write monitor interrupt status bit)
1: Area 3 interrupt requested
4
RAMWRIST4
0: Area 4 interrupt not request
R (Note 1)
(Area 4 RAM write monitor interrupt status bit)
1: Area 4 interrupt requested
5
RAMWRIST5
0: Area 5 interrupt not request
R (Note 1)
(Area 5 RAM write monitor interrupt status bit)
1: Area 5 interrupt requested
6
RAMWRIST6
0: Area 6 interrupt not request
R (Note 1)
(Area 6 RAM write monitor interrupt status bit)
1: Area 6 interrupt requested
7
RAMWRIST7
0: Area 7 interrupt not request
R (Note 1)
(Area 7 RAM write monitor interrupt status bit)
1: Area 7 interrupt requested
8
RAMWRIST8
0: Area 8 interrupt not request
R (Note 1)
(Area 8 RAM write monitor interrupt status bit)
1: Area 8 interrupt requested
9
RAMWRIST9
0: Area 9 interrupt not request
R (Note 1)
(Area 9 RAM write monitor interrupt status bit)
1: Area 9 interrupt requested
10
RAMWRIST10
0: Area 10 interrupt not request
R (Note 1)
(Area 10 RAM write monitor interrupt status bit)
1: Area 10 interrupt requested
11
RAMWRIST11
0: Area 11 interrupt not request
R (Note 1)
(Area 11 RAM write monitor interrupt status bit)
1: Area 11 interrupt requested
12
RAMWRIST12
0: Area 12 interrupt not request
R (Note 1)
(Area 12 RAM write monitor interrupt status bit)
1: Area 12 interrupt requested
13
RAMWRIST13
0: Area 13 interrupt not request
R (Note 1)
(Area 13 RAM write monitor interrupt status bit)
1: Area 13 interrupt requested
14
RAMWRIST14
0: Area 14 interrupt not request
R (Note 1)
(Area 14 RAM write monitor interrupt status bit)
1: Area 14 interrupt requested
15
RAMWRIST15
0: Area 15 interrupt not request
R (Note 1)
(Area 15 RAM write monitor interrupt status bit)
1: Area 15 interrupt requested
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the value it had before the write.
Note: • This register must always be accessed in halfwords.
If the CPU, DMA, SDI (tool), or NBD attempted to write to any area that is “disabled against write” by the RAM
Write Disable Control Register, the corresponding bit in this register is set to "1." The bit is cleared by writing a "0"
in software.
When writing to this register, be sure to write a "0" for the bits to be cleared and a "1" for all other bits. Writing a
"1" to any bit in this register has no effect, so the bit retains the value it had before the write.
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
RAMWRIST0
RAMWRIST1
RAMWRIST3 RAMWRIST4 RAMWRIST5
RAMWRIST8
0000000000000000
RAMWRIST15
RAMWRIST14
RAMWRIST13
RAMWRIST12
RAMWRIST11
RAMWRIST10
RAMWRIST9
RAMWRIST7
RAMWRIST6
RAMWRIST2
6.3 Internal RAM Protect Function
RAM Write Monitor Interrupt Status Register (RAMWRIST)
<Address: H’0080 0530>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com