Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 145Page - Renesas Technology Corp 32186 Datasheet HTML 146Page - Renesas Technology Corp 32186 Datasheet HTML 147Page - Renesas Technology Corp 32186 Datasheet HTML 148Page - Renesas Technology Corp 32186 Datasheet HTML 149Page - Renesas Technology Corp 32186 Datasheet HTML 150Page - Renesas Technology Corp 32186 Datasheet HTML 151Page - Renesas Technology Corp 32186 Datasheet HTML 152Page - Renesas Technology Corp 32186 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 1032 page
background image
6
INTERNAL MEMORY
6-7
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
RAM Write Disable Protect Register (RAMWRPROT)
<Address: H'0080 053D>
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
8
−13
No function assigned. Fix to "0."
00
14
RAMWRCNTP
0W
RAMWRCNTPRO write control bit
15
RAMWRCNTPRO
0: Enable write to RAMWRCNTn
R
W
RAM write disable protect bit
1: Disable write to RAMWRCNTn
This register controls writes to the RAM Write Disable Control Register by enabling or disabling the write. If a
write to the RAM Write Disable Control Register (RAMWRCNT) is attempted when the RAMWRCNTPRO
bit = "1," the attempted write is ignored.
To set this register, follow the procedure described below.
1. Write a "1" to RAMWRCNTP.
2. Subsequent to 1 above, write a "0" to RAMWRCNTP and a set value ("0" or "1") to RAMWRCNTPRO.
Note: • If there are writing cycles from CPU, DMA, SDI (tool), NBD to any other area between 1 and 2, the
continuous setting ( A pair of two consecutive is 1 set for writing operation) is disabled and the
writing value is not reflected. Therefore, disable interrupts and DMA transfers before setting.
However the writing cycle from RTD and DRI are not effected.
6.3 Internal RAM Protect Function
b8
9
10
11121314
b15
RAMWRCNTP RAMWRCNTPRO
000
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com