Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 146Page - Renesas Technology Corp 32186 Datasheet HTML 147Page - Renesas Technology Corp 32186 Datasheet HTML 148Page - Renesas Technology Corp 32186 Datasheet HTML 149Page - Renesas Technology Corp 32186 Datasheet HTML 150Page - Renesas Technology Corp 32186 Datasheet HTML 151Page - Renesas Technology Corp 32186 Datasheet HTML 152Page - Renesas Technology Corp 32186 Datasheet HTML 153Page - Renesas Technology Corp 32186 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 1032 page
background image
6
INTERNAL MEMORY
6-8
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.3 Internal RAM Protect Function
If a write cycle to any other area occurs
during this interval, the value that was
set in the RAMWRCNTPRO bits is not reflected.
(Note 1)
RAMWRCNTP
"1"
RAMWRCNTP
"0"
RAMWRCNTPRO
Set value
• Example of correct settings
• Cases where settings have no effect
Because a write cycle to other area exists,
the set value is not reflected. (Note 1)
RAMWRCNTP
"1"
Write to other area
(1)
(2)
RAMWRCNTP
"1"
RAMWRCNTP
"1"
Because these two consecutive writes comprise
a pair, the next set value is not reflected.
RAMWRCNTP
"0"
RAMWRCNTPRO
Set value
RAMWRCNTP
"0"
RAMWRCNTPRO
Set value
Note 1: The writing cycle to the other area is the writing cycle from CPU, DMA, SDI (tool), NBD to any other area.
The writing cycle from RTD and DRI are not effected.
Figure 6.3.1 RAMWRCNTPRO Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com