Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 143Page - Renesas Technology Corp 32186 Datasheet HTML 144Page - Renesas Technology Corp 32186 Datasheet HTML 145Page - Renesas Technology Corp 32186 Datasheet HTML 146Page - Renesas Technology Corp 32186 Datasheet HTML 147Page - Renesas Technology Corp 32186 Datasheet HTML 148Page - Renesas Technology Corp 32186 Datasheet HTML 149Page - Renesas Technology Corp 32186 Datasheet HTML 150Page - Renesas Technology Corp 32186 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 1032 page
background image
6
INTERNAL MEMORY
6-5
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
RAM Write Source Status Register (RAMWRFST)
<Address: H'0080 0534>
<Upon exiting reset: H'0000>
b
Bit Name
Function
R
W
0
RAMWRFST0
0: Write to area 0 by DMA
R (Note 1)
(Area 0 RAM write source status bit)
1: Write to area 0 by CPU, SDI, or NBD
1
RAMWRFST1
0: Write to area 1 by DMA
R (Note 1)
(Area 1 RAM write source status bit)
1: Write to area 1 by CPU, SDI, or NBD
2
RAMWRFST2
0: Write to area 2 by DMA
R (Note 1)
(Area 2 RAM write source status bit)
1: Write to area 2 by CPU, SDI, or NBD
3
RAMWRFST3
0: Write to area 3 by DMA
R (Note 1)
(Area 3 RAM write source status bit)
1: Write to area 3 by CPU, SDI, or NBD
4
RAMWRFST4
0: Write to area 4 by DMA
R (Note 1)
(Area 4 RAM write source status bit)
1: Write to area 4 by CPU, SDI, or NBD
5
RAMWRFST5
0: Write to area 5 by DMA
R (Note 1)
(Area 5 RAM write source status bit)
1: Write to area 5 by CPU, SDI, or NBD
6
RAMWRFST6
0: Write to area 6 by DMA
R (Note 1)
(Area 6 RAM write source status bit)
1: Write to area 6 by CPU, SDI, or NBD
7
RAMWRFST7
0: Write to area 7 by DMA
R (Note 1)
(Area 7 RAM write source status bit)
1: Write to area 7 by CPU, SDI, or NBD
8
RAMWRFST8
0: Write to area 8 by DMA
R (Note 1)
(Area 8 RAM write source status bit)
1: Write to area 8 by CPU, SDI, or NBD
9
RAMWRFST9
0: Write to area 9 by DMA
R (Note 1)
(Area 9 RAM write source status bit)
1: Write to area 9 by CPU, SDI, or NBD
10
RAMWRFST10
0: Write to area 10 by DMA
R (Note 1)
(Area 10 RAM write source status bit)
1: Write to area 10 by CPU, SDI, or NBD
11
RAMWRFST11
0: Write to area 11 by DMA
R (Note 1)
(Area 11 RAM write source status bit)
1: Write to area 11 by CPU, SDI, or NBD
12
RAMWRFST12
0: Write to area 12 by DMA
R (Note 1)
(Area 12 RAM write source status bit)
1: Write to area 12 by CPU, SDI, or NBD
13
RAMWRFST13
0: Write to area 13 by DMA
R (Note 1)
(Area 13 RAM write source status bit)
1: Write to area 13 by CPU, SDI, or NBD
14
RAMWRFST14
0: Write to area 14 by DMA
R (Note 1)
(Area 14 RAM write source status bit)
1: Write to area 14 by CPU, SDI, or NBD
15
RAMWRFST15
0: Write to area 15 by DMA
R (Note 1)
(Area 15 RAM write source status bit)
1: Write to area 15 by CPU, SDI, or NBD
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the value it had before the write.
If the CPU, SDI (tool), or NBD attempted to access any area for write that is “disabled against write” by the RAM
Write Disable Control Register, the corresponding bit in this register is set to "1." After setting the bit to "1," the bit
is not cleared to "0" if a DMA write access occurred. The bit is cleared by writing a "0" in software. Writing a "1" to
any bit in this register has no effect, so the bit retains the value it had before the write.
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
RAMWRFST0 RAMWRFST1
RAMWRFST3 RAMWRFST4 RAMWRFST5
RAMWRFST8
0000000000000000
RAMWRFST15
RAMWRFST14
RAMWRFST13
RAMWRFST12
RAMWRFST11
RAMWRFST10
RAMWRFST9
RAMWRFST7
RAMWRFST6
RAMWRFST2
6.3 Internal RAM Protect Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com