Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 141Page - Renesas Technology Corp 32186 Datasheet HTML 142Page - Renesas Technology Corp 32186 Datasheet HTML 143Page - Renesas Technology Corp 32186 Datasheet HTML 144Page - Renesas Technology Corp 32186 Datasheet HTML 145Page - Renesas Technology Corp 32186 Datasheet HTML 146Page - Renesas Technology Corp 32186 Datasheet HTML 147Page - Renesas Technology Corp 32186 Datasheet HTML 148Page - Renesas Technology Corp 32186 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 1032 page
background image
6
INTERNAL MEMORY
6-3
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
The diagram below shows the areas in 16-Kbyte units of the internal RAM that can individually be disabled
against write by the RAM protect function.
Table 6.3.1 Definition of the Write Disabled Area
Area
Target address
M32185F4
M32186F8
Area 0
H'0080 4000 - H'0080 7FFF
M32185F4
M32186F8
Area 1
H'0080 8000 - H'0080 BFFF
Internal RAM
Internal RAM
Area 2
H'0080 C000 - H'0080 FFFF
32 KB
64KB
Area 3
H'0081 0000 - H'0081 3FFF
Area 4
H'0081 4000 - H'0081 7FFF
Area 5
H'0081 8000 - H'0081 BFFF
Area 6
H'0081 C000 - H'0081 FFFF
Area 7
H'0082 0000 - H'0082 3FFF
Area 8
H'0082 4000 - H'0082 7FFF
Area 9
H'0082 8000 - H'0082 BFFF
External area
External area
Area 10
H'0082 C000 - H'0082 FFFF
224 KB
192 KB
Area 11
H'0083 0000 - H'0083 3FFF
Area 12
H'0083 4000 - H'0083 7FFF
Area 13
H'0083 8000 - H'0083 BFFF
Area 14
H'0083 C000 - H'0083 FFFF
Area 15
H'0084 0000 - H'0084 3FFF
A register map associated with the internal RAM protect function is shown below.
Internal RAM Protect Related Register Map
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 0530
RAM Write Monitor Interrupt Status Register
6-4
(RAMWRIST)
H'0080 0532
(Use inhibited area)
H'0080 0534
RAM Write Source Status Register
6-5
(RAMWRFST)
H'0080 0536
(Use inhibited area)
H'0080 0538
RAM Write Disable Control Register
6-6
(RAMWRCNT)
H'0080 053A
(Use inhibited area)
H'0080 053C
(Use inhibited area)
RAM Write Disable Protect Register
6-7
(RAMWRPROT)
6.3 Internal RAM Protect Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com